Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DRGE Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8300DRGE
Description  DRV8300: 100-V Three-Phase BLDC Gate Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8300DRGE Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8300DRGE Datasheet HTML 4Page - Texas Instruments DRV8300DRGE Datasheet HTML 5Page - Texas Instruments DRV8300DRGE Datasheet HTML 6Page - Texas Instruments DRV8300DRGE Datasheet HTML 7Page - Texas Instruments DRV8300DRGE Datasheet HTML 8Page - Texas Instruments DRV8300DRGE Datasheet HTML 9Page - Texas Instruments DRV8300DRGE Datasheet HTML 10Page - Texas Instruments DRV8300DRGE Datasheet HTML 11Page - Texas Instruments DRV8300DRGE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
4.8 V ≤ VGVDD ≤ 20 V, –40°C ≤ TJ ≤ 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RPD_INLx
INLx Input pulldown resistance
To GND, INLx in non-inverting mode
120
200
280
kΩ
RPU_INLx
INLx Input pullup resistance
To INT_5V, INLx in inverting mode
120
200
280
kΩ
RPD_MODE
MODE Input pulldown resistance
To GND
120
200
280
kΩ
GATE DRIVERS (GHx, GLx, SHx, SLx)
VGHx_LO
High-side gate drive low level voltage
IGLx = -100 mA; VGVDD = 12V; No FETs
connected
0
0.15
0.35
V
VGHx_HI
High-side gate drive high level
voltage (VBSTx - VGHx)
IGHx = 100 mA; VGVDD = 12V; No FETs
connected
0.3
0.6
1.2
V
VGLx_LO
Low-side gate drive low level voltage
IGLx = -100 mA; VGVDD = 12V; No FETs
connected
0
0.15
0.35
V
VGLx_HI
Low-side gate drive high level voltage
(VGVDD - VGHx)
IGHx = 100 mA; VGVDD = 12V; No FETs
connected
0.3
0.6
1.2
V
IDRIVEP_HS
High-side peak source gate current
GHx-SHx = 12V
400
750
1200
mA
IDRIVEN_HS
High-side peak sink gate current
GHx-SHx = 0V
850
1500
2100
mA
IDRIVEP_LS
Low-side peak source gate current
GLx = 12V
400
750
1200
mA
IDRIVEN_LS
Low-side peak sink gate current
GLx = 0V
850
1500
2100
mA
tPD
Input to output propagation delay
INHx, INLx to GHx, GLx; VGVDD = VBSTx
- VSHx > 8V; SHx = 0V, No load on GHx
and GLx
70
125
180
ns
tPD_match
Matching propagation delay per
phase
GHx turning OFF to GLx turning ON, GLx
turning OFF to GHx turning ON; VGVDD =
VBSTx - VSHx > 8V; SHx = 0V, No load on
GHx and GLx
-30
±4
30
ns
tPD_match
Matching propagation delay phase to
phase
GHx/GLx turning ON to GHy/GLy turning
ON, GHx/GLx turning OFF to GHy/GLy
turning OFF; VGVDD = VBSTx - VSHx >
8V; SHx = 0V, No load on GHx and GLx
-30
±4
30
ns
tR_GLx
GLx rise time (10% to 90%)
CLOAD = 1000 pF; VGVDD = VBSTx -
VSHx > 8V; SHx = 0V
10
24
50
ns
tR_GHx
GHx rise time (10% to 90%)
CLOAD = 1000 pF; VGVDD = VBSTx -
VSHx > 8V; SHx = 0V
10
24
50
ns
tF_GLx
GLx fall time (90% to 10%)
CLOAD = 1000 pF; VGVDD = VBSTx - VSHx >
8V; SHx = 0V
5
12
30
ns
tF_GHx
GHx fall time (90% to 10%)
CLOAD = 1000 pF; VGVDD = VBSTx - VSHx >
8V; SHx = 0V
5
12
30
ns
tDEAD
Gate drive dead time
DT pin floating
150
215
280
ns
DT pin connected to GND
150
215
280
ns
40 kΩ between DT pin and GND
150
200
260
ns
400 kΩ between DT pin and GND
1500
2000
2600
ns
tPW_MIN
Minimum input pulse width on INHx,
INLx that changes the output on
GHx, GLx
40
70
150
ns
BOOTSTRAP DIODES (DRV8300D, DRV8300DI)
VBOOTD
Bootstrap diode forward voltage
IBOOT = 100 µA
0.45
0.7
0.85
V
IBOOT = 100 mA
2
2.3
3.1
V
RBOOTD
Bootstrap dynamic resistance
(ΔVBOOTD/ΔIBOOT)
IBOOT = 100 mA and 80 mA
11
15
25
Ω
PROTECTION CIRCUITS
VGVDDUV
Gate Driver Supply undervoltage
lockout (GVDDUV)
Supply rising
4.45
4.6
4.7
V
Supply falling
4.2
4.35
4.4
V
VGVDDUV_HYS Gate Driver Supply UV hysteresis
Rising to falling threshold
250
280
310
mV
DRV8300
SLVSFG5D – SEPTEMBER 2020 – REVISED MARCH 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com