Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA828
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA828 Datasheet HTML 12Page - Texas Instruments INA828 Datasheet HTML 13Page - Texas Instruments INA828 Datasheet HTML 14Page - Texas Instruments INA828 Datasheet HTML 15Page - Texas Instruments INA828 Datasheet HTML 16Page - Texas Instruments INA828 Datasheet HTML 17Page - Texas Instruments INA828 Datasheet HTML 18Page - Texas Instruments INA828 Datasheet HTML 19Page - Texas Instruments INA828 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
9.2.2 Detailed Design Procedure
9.2.2.1 Setting the Gain
The gain (G) is set by connecting a single external resistor, RG, between pins 1 and 8:
INA128: G = 1 + 50 kΩ / RG
(1)
INA129: G = 1 + 49.4 kΩ / RG
(2)
Commonly used gains and resistor values are shown in Figure 9-1.
The 50-kΩ term in Equation 1 and the 49.4-kΩ term in Equation 2 come from the sum of the two internal
feedback resistors of A1 and A2. These on-chip metal film resistors are laser trimmed to accurate, absolute
values. The accuracy and temperature coefficient of these internal resistors are included in the gain accuracy
and drift specifications in the Electrical Characteristics table.
The stability and temperature drift of the external gain setting resistor, RG, also affects gain. The contribution
of RG to gain accuracy and drift can be directly inferred from Equation 1 and Equation 2. Low resistor values
required for high gain can make wiring resistance important. Sockets add to the wiring resistance, which
contributes additional gain error (possibly an unstable gain error) in gains of approximately 100 or greater.
9.2.2.2 Dynamic Performance
The typical performance curve in Figure 7-1 shows that despite low quiescent current, the INA12x achieve
wide bandwidth even at high gain. This performance is due to the current-feedback topology of the input stage
circuitry. Settling time also remains excellent at high gain.
9.2.2.3 Offset Trimming
The INA12x is laser trimmed for low-offset voltage and low offset voltage drift. Most applications require no
external offset adjustment. Figure 9-2 shows an optional circuit for trimming the output offset voltage. The
voltage applied to the REF pin is summed with the output. The op-amp buffer provides low impedance at the
REF pin to preserve good common-mode rejection.
10kΩ
OPA177
100Ω
100Ω
1/2 REF200
1/2 REF200
V+
R
G
INA128
Ref
V
O
V
IN
V
IN
+
−
±10mV
Adjustment Range
V−
100µA
100µA
Figure 9-2. Optional Trimming of Output Offset Voltage
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com