Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA828
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 1 Page - Texas Instruments

  INA828 Datasheet HTML 1Page - Texas Instruments INA828 Datasheet HTML 2Page - Texas Instruments INA828 Datasheet HTML 3Page - Texas Instruments INA828 Datasheet HTML 4Page - Texas Instruments INA828 Datasheet HTML 5Page - Texas Instruments INA828 Datasheet HTML 6Page - Texas Instruments INA828 Datasheet HTML 7Page - Texas Instruments INA828 Datasheet HTML 8Page - Texas Instruments INA828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
INA12x Precision, Low-Power Instrumentation Amplifiers
1 Features
• Low offset voltage: 50 μV, maximum
• Low drift: 0.5 μV/°C, maximum
• Low input bias current: 5 nA, maximum
• Low noise: 8 nV/√Hz, 0.2 μVpp
• High CMR: 120 dB, minimum
• Bandwidth: 1.3 MHz (G = 1)
• Inputs protected to ±40 V
• Wide supply range: ±2.25 V to ±18 V
• Low quiescent current: 700 μA
• Packages: 8-pin plastic DIP, SO-8
2 Applications
• Pressure transmitter
• Temperature transmitter
• Weigh scale
• Electrocardiogram (ECG)
• Analog input module
• Data acquisition (DAQ)
3 Description
The INA128 and INA129 (INA12x) are low-power,
general-purpose instrumentation amplifiers that offer
excellent accuracy. The versatile three op amp design
and small size make these amplifiers an excellent
choice for a wide range of applications. Current-
feedback input circuitry provides wide bandwidth even
at high gain (200 kHz at G = 100).
A single external resistor sets any gain from 1 to
10,000. The INA128 provides an industry-standard
gain equation with a 50-kΩ resistor. The INA129 gain
equation uses a 49.4-kΩ resistor to allow for drop-in
replacements of comparable devices.
The INA12x are available in plastic DIP and surface-
mount packages, specified for the –40°C to +85°C
temperature range. The INA128 is also available in a
dual configuration, the INA2128.
The upgraded INA828 offers a lower input bias
current (0.6 nA, max) and lower noise (7 nV/√Hz)
at the same quiescent current. See the Device
Comparison Table for a selection of precision
instrumentation amplifiers from Texas Instruments.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA128,
INA129
SOIC (8)
3.91 mm × 4.90 mm
PDIP (8)
6.35 mm × 9.81 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
A
1
A
2
A
3
6
7
4
3
8
1
2
RG
V+
INA128, INA129
5
Overvoltage
Protection
Protection
(1) INA129: 24.7 k
V
25 k
(1)
25 k
(1)
40 k
40 k
40 k
40 k
Overvoltage
VIN–
VIN+
VO
Ref
G = 1 +
49.4 k
R
G
G = 1 +
50 k
R
G
INA128:
INA129:
Simplified Schematic
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA828 TI1-INA828 Datasheet
1Mb / 33P
50-uV Offset, 7-nV Noise, Low-Power, Precision Instrumentation Amplifier
INA828 TI-INA828 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA828 TI-INA828 Datasheet
3Mb / 33P
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA828 TI-INA828 Datasheet
1Mb / 28P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
MARCH 2022
INA828 TI-INA828 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
More results

Similar Description - INA828

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Texas Instruments
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
INA12x Precision, Low Power Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com