Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA159
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA159 Datasheet HTML 2Page - Texas Instruments INA159 Datasheet HTML 3Page - Texas Instruments INA159 Datasheet HTML 4Page - Texas Instruments INA159 Datasheet HTML 5Page - Texas Instruments INA159 Datasheet HTML 6Page - Texas Instruments INA159 Datasheet HTML 7Page - Texas Instruments INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments INA159 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
7.5 Electrical Characteristics
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, VCM = VS / 2, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOS
Offset voltage (RTI)
1 ≤ G ≤ 10000
INA12xP, INA12xU
±10 ±100 / G
±50 ±500 / G
µV
INA12xPA, INA12xUA
±25 ±100 / G ±125 ±1000 / G
Offset voltage drift (RTI)
TA = –40°C to +85°C
INA12xP, INA12xU
±0.2 ±2 / G
±0.5 ±20 / G
µV/°C
INA12xPA, INA12xUA
±0.2 ±5 / G
±1 ±20 / G
PSRR
Power-supply rejection
ratio (RTI)
VS = ±2.25 V to ±18 V
INA12xP, INA12xU
±0.2 ±20 / G
±1 ±100 / G
µV/V
INA12xPA, INA12xUA
±2 ±200 / G
Long-term stability
±0.2 ±3 / G
µV/mo
Input impedance
Differential
10 || 2
GΩ || pF
Common-mode
100 || 9
VCM
Common-mode
voltage(2)
VO = 0 V
(V–) + 2
(V+) – 2
V
Safe input voltage
RS = 0 Ω
±40
V
CMRR
Common-mode rejection
ratio
ΔRS = 1 kΩ, VCM = ±13 V
G = 1
INA12xP, INA12xU
80
86
dB
INA12xPA, INA12xUA
73
G = 10
INA12xP, INA12xU
100
106
INA12xPA, INA12xUA
93
G = 100
INA12xP, INA12xU
120
125
INA12xPA, INA12xUA
110
G = 1000
INA12xP, INA12xU
120
130
INA12xPA, INA12xUA
110
INPUT BIAS CURRENT
IB
Input bias current
INA12xP, INA12xU
±2
±5
nA
INA12xPA, INA12xUA
±10
Input bias current drift
TA = –40°C to +85°C
±30
pA/
℃
IOS
Input offset current
INA12xP, INA12xU
±1
±5
nA
INA12xPA, INA12xUA
±10
nA
Input offset current drift
TA = –40°C to +85°C
±30
pA/
℃
NOISE
eN
Voltage noise (RTI)
G = 1000, RS = 0 Ω
f = 10 Hz
10
nV/√Hz
f = 100 Hz
8
f = 1 kHz
8
fB = 0.1 Hz to 10 Hz
0.2
µVPP
In
Current noise
f = 10 Hz
0.9
pA/√Hz
f = 1 kHz
0.3
fB = 0.1 Hz to 10 Hz
30
pAPP
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com