Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA159
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA159 Datasheet HTML 4Page - Texas Instruments INA159 Datasheet HTML 5Page - Texas Instruments INA159 Datasheet HTML 6Page - Texas Instruments INA159 Datasheet HTML 7Page - Texas Instruments INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments INA159 Datasheet HTML 10Page - Texas Instruments INA159 Datasheet HTML 11Page - Texas Instruments INA159 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
7.6 Typical Characteristics
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, VCM = VS / 2, and G = 1 (unless otherwise noted)
-40
-20
0
20
40
60
80
100
1k
10k
100k
1M
10M
Frequency (Hz)
G = 1
G = 10
G = 100
G = 1000
C001
Figure 7-1. Gain vs Frequency
Frequency (Hz)
10
100
10k
1M
1k
140
120
100
80
60
40
20
0
100k
G = 1V/V
G = 10V/V
G = 100V/V
G = 1000V/V
Figure 7-2. Common-Mode Rejection vs Frequency
Frequency (Hz)
0
20
40
60
80
100
120
140
160
10
100
1k
10k
100k
G = 1
G = 10
G = 100
G = 1000
Figure 7-3. Positive Power Supply Rejection vs Frequency
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
Frequency (Hz)
G = 1
G = 10
G = 100
G = 1000
C004
Figure 7-4. Negative Power Supply Rejection vs Frequency
Output Voltage (V)
0
5
15
15
10
5
0
10
G = 1
G = 1
G ≥ 10
G ≥ 10
VD/2
+
+
VCM
V
V
O
D/2
Ref
15V
+15V
+
−5
−10
−15
−
−
−
−5
−10
−15
VS = ±15 V
Figure 7-5. Input Common-Mode Range vs Output Voltage
Output Voltage (V)
5
4
3
2
1
0
0
1
2
3
4
5
G = 1
G = 1
G ≥ 10
G ≥ 10
G ≥ 10
G = 1
−1
−2
−3
−4
−5
−1
−2
−3
−4
−5
VS = ±2.5V
VS = ±5V
VS = ±5 V, ±2.5 V
Figure 7-6. Input Common-Mode Range vs Output Voltage
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com