Electronic Components Datasheet Search
  English  ▼

X  

INA181A2 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA181A2
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181A2 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA181A2 Datasheet HTML 12Page - Texas Instruments INA181A2 Datasheet HTML 13Page - Texas Instruments INA181A2 Datasheet HTML 14Page - Texas Instruments INA181A2 Datasheet HTML 15Page - Texas Instruments INA181A2 Datasheet HTML 16Page - Texas Instruments INA181A2 Datasheet HTML 17Page - Texas Instruments INA181A2 Datasheet HTML 18Page - Texas Instruments INA181A2 Datasheet HTML 19Page - Texas Instruments INA181A2 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
7 Detailed Description
7.1 Overview
The INA181, INA2181, and INA4181 (INAx181) are 26-V common-mode, current-sensing amplifiers used in both
low-side and high-side configurations. These specially-designed, current-sensing amplifiers accurately measure
voltages developed across current-sensing resistors on common-mode voltages that far exceed the supply
voltage powering the device. Current can be measured on input voltage rails as high as 26 V, and the devices
can be powered from supply voltages as low as 2.7 V.
7.2 Functional Block Diagrams
Single-Channel
TI Device
IN±
IN+
GND
VS
OUT
+
±
REF
Figure 7-1. INA181 Functional Block Diagram
Dual-Channel
TI Device
IN±2
IN+2
VS
OUT2
IN±1
IN+1
OUT1
+
±
GND
+
±
REF2
REF1
Figure 7-2. INA2181 Functional Block Diagram
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com