Electronic Components Datasheet Search
  English  ▼

X  

INA181A2 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA181A2
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181A2 Datasheet(HTML) 1 Page - Texas Instruments

  INA181A2 Datasheet HTML 1Page - Texas Instruments INA181A2 Datasheet HTML 2Page - Texas Instruments INA181A2 Datasheet HTML 3Page - Texas Instruments INA181A2 Datasheet HTML 4Page - Texas Instruments INA181A2 Datasheet HTML 5Page - Texas Instruments INA181A2 Datasheet HTML 6Page - Texas Instruments INA181A2 Datasheet HTML 7Page - Texas Instruments INA181A2 Datasheet HTML 8Page - Texas Instruments INA181A2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
INAx181 Bidirectional, Low- and High-Side Voltage Output,
Current-Sense Amplifiers
1 Features
• Common-mode range (VCM): –0.2 V to +26 V
• High bandwidth: 350 kHz (A1 devices)
• Offset voltage:
– ±150 µV (maximum) at VCM = 0 V
– ±500 µV (maximum) at VCM = 12 V
• Output slew rate: 2 V/µs
• Bidirectional current-sensing capability
• Accuracy:
– ±1% gain error (maximum)
– 1-µV/°C offset drift (maximum)
• Gain options:
– 20 V/V (A1 devices)
– 50 V/V (A2 devices)
– 100 V/V (A3 devices)
– 200 V/V (A4 devices)
• Quiescent current: 260 µA maximum (INA181)
2 Applications
• Motor control
• Battery monitors and balancers
• Power management
• Lighting control
• Solar inverters
INA4181
(quad-channel)
INA2181
(dual-channel)
INA181
(single-channel)
Power Supply, VS
2.7 V to 5.5 V
ADC
Microcontroller
Bus Voltage, VCM
Up To 26 V
RSENSE
VS
Load
CBYPASS
0.1 µF
GND
IN±
IN+
OUT
REF
+
±
Copyright © 2017, Texas Instruments Incorporated
Typical Application Circuit
3 Description
The INA181, INA2181, and INA4181 (INAx181)
current sense amplifiers are designed for cost-
optimized applications. These devices are part of a
family of bidirectional, current-sense amplifiers (also
called current-shunt monitors) that sense voltage
drops across current-sense resistors at common-
mode voltages from –0.2 V to +26 V, independent
of the supply voltage. The INAx181 family integrates
a matched resistor gain network in four, fixed-gain
device options: 20 V/V, 50 V/V, 100 V/V, or 200 V/V.
This matched gain resistor network minimizes gain
error and reduces the temperature drift.
These devices operate from a single 2.7-V to 5.5-
V power supply. The single-channel INA181 draws
a maximum supply current of 260 µA; whereas,
the dual-channel INA2181 draws a maximum supply
current of 500 µA, and the quad-channel INA4181
draws a maximum supply current of 900 µA.
The INA181 is available in both the 6-pin, SOT-23
and SC70 packages. The INA2181 is available in
10-pin, VSSOP and WSON packages. The INA4181
is available in a 20-pin, TSSOP package. All device
options are specified over the extended operating
temperature range of –40°C to +125°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
INA181
DBV (SOT-23, 6)
2.90 mm × 2.80 mm
DCK (SC70, 6)
2.00 mm × 2.10 mm
INA2181
DGS (VSSOP, 10)
3.00 mm × 4.90 mm
DSQ (WSON, 10)
2.00 mm × 2.00 mm
INA4181
PW (TSSOP, 20)
6.50 mm × 6.40 mm
(1)
For all available packages, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA181A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA181A2 TI1-INA181A2 Datasheet
1Mb / 34P
INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181A2 TI1-INA181A2 Datasheet
2Mb / 62P
INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
NOVEMBER 2023
INA181A2-Q1 TI1-INA181A2-Q1 Datasheet
2Mb / 52P
INAx181-Q1 Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
FEBRUARY 2024
INA181A2IDBVR TI1-INA181A2IDBVR Datasheet
1Mb / 32P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181A2IDBVR TI1-INA181A2IDBVR Datasheet
1Mb / 34P
INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
More results

Similar Description - INA181A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1 Datasheet
1Mb / 43P
Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1_18 Datasheet
1Mb / 44P
Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1_19 Datasheet
1Mb / 47P
Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1_1904 TI1-INA181-Q1_1904 Datasheet
1Mb / 49P
Automotive, bidirectional, low- and high-side voltage output, current-sense amplifiers
INA181 TI1-INA181_V01 Datasheet
2Mb / 56P
INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com