Electronic Components Datasheet Search
  English  ▼

X  

INA190 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA190
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA190 Datasheet HTML 11Page - Texas Instruments INA190 Datasheet HTML 12Page - Texas Instruments INA190 Datasheet HTML 13Page - Texas Instruments INA190 Datasheet HTML 14Page - Texas Instruments INA190 Datasheet HTML 15Page - Texas Instruments INA190 Datasheet HTML 16Page - Texas Instruments INA190 Datasheet HTML 17Page - Texas Instruments INA190 Datasheet HTML 18Page - Texas Instruments INA190 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Bus Suppl y
up to +40 V
High-Side Se nsing
Low-Side Se nsing
LOA D
Commo n-mode volta ge (VCM)
is b us-voltage depen dent.
Commo n-mode volta ge (VCM)
is a lwa ys n ear groun d a nd is
isolated fro m bus-voltage sp ikes.
IN+
RSENS E
RSENS E
IN±
IN+
IN±
15
INA190
www.ti.com
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
7.3.5 High-Side and Low-Side Current Sensing
The INA190 supports input common-mode voltages from –0.2 V to +40 V. Because of the internal topology, the
common-mode range is not restricted by the power-supply voltage (VS). The ability to operate with common-
mode voltages greater or less than VS allows the INA190 to be used in high-side and low-side current-sensing
applications, as shown in Figure 34.
Figure 34. High-Side and Low-Side Sensing Connections
7.3.6 High Common-Mode Rejection
The INA190 uses a capacitively coupled amplifier on the front end. Therefore, dc common-mode voltages are
blocked from downstream circuits, resulting in very high common-mode rejection. Typically, the common-mode
rejection of the INA190 is approximately 150 dB. The ability to reject changes in the dc common-mode voltage
allows the INA190 to monitor both high- and low-voltage rail currents with very little change in the offset voltage.
7.3.7 Rail-to-Rail Output Swing
The INA190 allows linear current-sensing operation with the output close to the supply rail and ground. The
maximum specified output swing to the positive rail is VS – 40 mV, and the maximum specified output swing to
GND is only GND + 1 mV. The close-to-rail output swing is useful to maximize the usable output range,
particularly when operating the device from a 1.8-V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com