Electronic Components Datasheet Search
  English  ▼

X  

INA128PA Datasheet(PDF) 18 Page - Texas Instruments

Part # INA128PA
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA128PA Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA128PA Datasheet HTML 14Page - Texas Instruments INA128PA Datasheet HTML 15Page - Texas Instruments INA128PA Datasheet HTML 16Page - Texas Instruments INA128PA Datasheet HTML 17Page - Texas Instruments INA128PA Datasheet HTML 18Page - Texas Instruments INA128PA Datasheet HTML 19Page - Texas Instruments INA128PA Datasheet HTML 20Page - Texas Instruments INA128PA Datasheet HTML 21Page - Texas Instruments INA128PA Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
9.2.3 Application Curves
G = 1
20mV/div
G = 10
5 s/div
m
G = 1, 10
Figure 9-4. Small Signal
G = 10 0
20mV/div
G = 10 0 0
20 s/div
m
G = 100, 1000
Figure 9-5. Small Signal
Time (10 s/div)
Input, G = 1
Output, G = 1
Input, G = 10
Output, G = 10
G = 1, 10
Figure 9-6. Large Signal
Time (10 s/div)
Input Step (Not to Scale)
Output, G = 100
Output, G = 1000
G = 100, 1000
Figure 9-7. Large Signal
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com