Electronic Components Datasheet Search
  English  ▼

X  

INA128PA Datasheet(PDF) 19 Page - Texas Instruments

Part # INA128PA
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA128PA Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA128PA Datasheet HTML 15Page - Texas Instruments INA128PA Datasheet HTML 16Page - Texas Instruments INA128PA Datasheet HTML 17Page - Texas Instruments INA128PA Datasheet HTML 18Page - Texas Instruments INA128PA Datasheet HTML 19Page - Texas Instruments INA128PA Datasheet HTML 20Page - Texas Instruments INA128PA Datasheet HTML 21Page - Texas Instruments INA128PA Datasheet HTML 22Page - Texas Instruments INA128PA Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
9.3 System Examples
300Ω
+5V
R
G
INA128
V
O
Ref
2.5V − ∆V
2.5V + ∆V
Figure 9-8. Bridge Amplifier
INA128
R
G
V
O
OPA130
Ref
R
1
1MΩ
=
1
2πR C
1
1
= 1.59Hz
V
IN
+
f−3dB
C1
0.1µF
−
Figure 9-9. AC-Coupled Instrumentation Amplifier
REF102
R
2
R
1
Pt100
Cu
Cu
V+
K
6
4
2
INA128
V
O
Ref
R
R3
G
100
= Pt100 at 0°C
E
+ Chromel
66.5 k
Constantan
J
+ Iron
50.2
76.8 k
Constantan
K
+ Chromel
97.6 k
Alumel
T
+ Copper
102 k
Constantan
SEEBECK
COEFICIENT
(µV/°C)
R1, R2
MATERIAL
ISA
TYPE
58.5
39.4
38.0
+10V
Figure 9-10. Thermocouple Amplifier With RTD Cold-Junction Compensation
www.ti.com
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com