Electronic Components Datasheet Search
  English  ▼

X  

PCA9625D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9625D
Description  16-bit Fm I2C-bus 100 mA 24 V LED driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9625D Datasheet HTML 4Page - NXP Semiconductors PCA9625D Datasheet HTML 5Page - NXP Semiconductors PCA9625D Datasheet HTML 6Page - NXP Semiconductors PCA9625D Datasheet HTML 7Page - NXP Semiconductors PCA9625D Datasheet HTML 8Page - NXP Semiconductors PCA9625D Datasheet HTML 9Page - NXP Semiconductors PCA9625D Datasheet HTML 10Page - NXP Semiconductors PCA9625D Datasheet HTML 11Page - NXP Semiconductors PCA9625D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
PCA9625_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2008
8 of 33
NXP Semiconductors
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
Remark: The Software Reset I2C-bus address is a reserved address and cannot be used
as a regular I2C-bus slave address or as an LED All Call or LED Sub Call address.
7.2 Control register
Following the successful acknowledgement of the slave address, LED All Call address or
LED Sub Call address, the bus master will send a byte to the PCA9625, which will be
stored in the Control register.
The lowest 5 bits are used as a pointer to determine which register will be accessed
(D[4:0]). The highest 3 bits are used as Auto-Increment flag and Auto-Increment options
(AI[2:0]).
When the Auto-Increment flag is set (AI2 = logic 1), the five low order bits of the Control
register are automatically incremented after a read or write. This allows the user to
program the registers sequentially. Four different types of Auto-Increment are possible,
depending on AI1 and AI0 values.
Remark: Other combinations not shown in Table 3 (AI[2:0] = 001, 010, and 011) are
reserved and must not be used for proper device operation.
Fig 4.
Software Reset address
0
002aab416
0
0
0
0
0
1
1
R/W
reset state = 80h
Remark: The Control register does not apply to the Software Reset I2C-bus address.
Fig 5.
Control register
Table 3.
Auto-Increment options
AI2
AI1
AI0
Function
0
0
0
no Auto-Increment
1
0
0
Auto-Increment for all registers. D[4:0] roll over to ‘0 0000’ after the last
register (1 1011) is accessed.
1
0
1
Auto-Increment for individual brightness registers only. D[4:0] roll over to
‘0 0010’ after the last register (1 0001) is accessed.
1
1
0
Auto-Increment for global control registers only. D[4:0] roll over to
‘1 0010’ after the last register (1 0011) is accessed.
1
1
1
Auto-Increment for individual and global control registers only. D[4:0] roll
over to ‘0 0010’ after the last register (1 0011) is accessed.
002aac147
AI2
AI1
AI0
D4
D3
D2
D1
D0
Auto-Increment flag
register address
Auto-Increment options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com