Electronic Components Datasheet Search
  English  ▼

X  

PCA9625D Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9625D
Description  16-bit Fm I2C-bus 100 mA 24 V LED driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625D Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9625D Datasheet HTML 12Page - NXP Semiconductors PCA9625D Datasheet HTML 13Page - NXP Semiconductors PCA9625D Datasheet HTML 14Page - NXP Semiconductors PCA9625D Datasheet HTML 15Page - NXP Semiconductors PCA9625D Datasheet HTML 16Page - NXP Semiconductors PCA9625D Datasheet HTML 17Page - NXP Semiconductors PCA9625D Datasheet HTML 18Page - NXP Semiconductors PCA9625D Datasheet HTML 19Page - NXP Semiconductors PCA9625D Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
PCA9625_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2008
16 of 33
NXP Semiconductors
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
7.7 Individual brightness control with group dimming/blinking
A 97 kHz fixed frequency signal with programmable duty cycle (8 bits, 256 steps) is used
to control individually the brightness for each LED.
On top of this signal, one of the following signals can be superimposed (this signal can be
applied to the 4 LED outputs):
• A lower 190 Hz fixed frequency signal with programmable duty cycle (8 bits,
256 steps) is used to provide a global brightness control.
• A programmable frequency signal from 24 Hz to 1
⁄
10.73 Hz (8 bits, 256 steps) with
programmable duty cycle (8 bits, 256 steps) is used to provide a global blinking
control.
Minimum pulse width for LEDn Brightness Control is 40 ns.
Minimum pulse width for Group Dimming is 20.48
µs.
When M = 1 (GRPPWM register value), the resulting LEDn Brightness Control + Group Dimming signal will have 2 pulses of
the LED Brightness Control signal (pulse width = N
× 40 ns, with ‘N’ defined in PWMx register).
This resulting Brightness + Group Dimming signal above shows a resulting Control signal with M = 4 (8 pulses).
Fig 6.
Brightness + Group Dimming signals
123456789
10 11 12
507
508
509
510
511
512
123456789
10 11
Brightness Control signal (LEDn)
M
× 256 × 2 × 40 ns
with M = (0 to 255)
(GRPPWM Register)
N
× 40 ns
with N = (0 to 255)
(PWMx Register)
256
× 40 ns = 10.24 µs
(97.6 kHz)
12345678
12345678
Group Dimming signal
resulting Brightness + Group Dimming signal
256
× 2 × 256 × 40 ns = 5.24 ms (190.7 Hz)
002aab417



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com