Electronic Components Datasheet Search
  English  ▼

X  

INA181A1IDBVT Datasheet(PDF) 21 Page - Texas Instruments

Part # INA181A1IDBVT
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181A1IDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA181A1IDBVT Datasheet HTML 17Page - Texas Instruments INA181A1IDBVT Datasheet HTML 18Page - Texas Instruments INA181A1IDBVT Datasheet HTML 19Page - Texas Instruments INA181A1IDBVT Datasheet HTML 20Page - Texas Instruments INA181A1IDBVT Datasheet HTML 21Page - Texas Instruments INA181A1IDBVT Datasheet HTML 22Page - Texas Instruments INA181A1IDBVT Datasheet HTML 23Page - Texas Instruments INA181A1IDBVT Datasheet HTML 24Page - Texas Instruments INA181A1IDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
7.4.3 Bidirectional Mode
The INAx181 are bidirectional, current-sense amplifiers capable of measuring currents through a resistive shunt
in two directions. This bidirectional monitoring is common in applications that include charging and discharging
operations where the current flowing through the resistor can change directions.
Power Supply, VS
2.7 V to 5.5 V
VS
CBYPASS
0.1 µF
Single-Channel
TI Device
Bus Voltage
±0.2 V to +26 V
RSENSE
GND
Load
IN±
IN+
REF
+
±
OUT
Output
+
±
Reference
Voltage
Figure 7-7. Bidirectional Application
The ability to measure this current flowing in both directions is enabled by applying a voltage to the REF pin, as
shown in Figure 7-7. The voltage applied to REF (VREF) sets the output state that corresponds to the zero-input
level state. The output then responds by increasing above VREF for positive differential signals (relative to
the IN– pin) and responds by decreasing below VREF for negative differential signals. This reference voltage
applied to the REF pin can be set anywhere between 0 V to VS. For bidirectional applications, VREF is typically
set at mid-scale for equal signal range in both current directions. In some cases, however, VREF is set at a
voltage other than mid-scale when the bidirectional current and corresponding output signal do not need to be
symmetrical.
7.4.4 Input Differential Overload
If the differential input voltage (VIN+ – VIN–) multiplied by the gain exceeds the voltage swing specification, the
INAx181 drives the output as close as possible to the positive supply or ground, and does not provide accurate
measurement of the differential input voltage. If this input overload occurs during normal circuit operation, then
reduce the value of the shunt resistor or use a lower-gain version with the chosen sense resistor to avoid this
mode of operation. If a differential overload occurs in a fault event, then the output of the INAx181 returns to the
expected value approximately 20 µs after the fault condition is removed.
When the INAx181 output is driven to either the supply rail or ground, increasing the differential input voltage
does not damage the device as long as the absolute maximum ratings are not surpassed. Following these
guidelines, the INAx181 output maintains polarity, and phase reversal does not occur.
www.ti.com
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com