Electronic Components Datasheet Search
  English  ▼

X  

INA181A1IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # INA181A1IDBVT
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181A1IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA181A1IDBVT Datasheet HTML 4Page - Texas Instruments INA181A1IDBVT Datasheet HTML 5Page - Texas Instruments INA181A1IDBVT Datasheet HTML 6Page - Texas Instruments INA181A1IDBVT Datasheet HTML 7Page - Texas Instruments INA181A1IDBVT Datasheet HTML 8Page - Texas Instruments INA181A1IDBVT Datasheet HTML 9Page - Texas Instruments INA181A1IDBVT Datasheet HTML 10Page - Texas Instruments INA181A1IDBVT Datasheet HTML 11Page - Texas Instruments INA181A1IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
6.5 Electrical Characteristics
at TA = 25°C, VS = 5 V, VREF = VS / 2, VIN+ = 12 V, and VSENSE = VIN+ – VIN– (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
CMRR
Common-mode rejection ratio, RTI (1)
VIN+ = 0 V to 26 V, VSENSE = 0 mV,
TA = –40°C to +125°C
84
100
dB
VOS
Offset voltage, RTI
VSENSE = 0 mV, VIN+ = 0 V
±25
±150
μV
VSENSE = 0 mV
±100
±500
μV
dVOS/dT
Offset drift, RTI
VSENSE = 0 mV, TA = –40°C to +125°C
0.2
1
μV/°C
PSRR
RTI vs power supply ratio
VS = 2.7 V to 5.5 V, VIN+ = 12 V,
VSENSE = 0 mV
±8
±40
μV/V
IIB
Input bias current
VSENSE = 0 mV, VIN+ = 0 V
-6
μA
VSENSE = 0 mV
75
μA
IIO
Input offset current
VSENSE = 0 mV
±0.05
μA
OUTPUT
G
Gain
A1 devices
20
V/V
A2 devices
50
V/V
A3 devices
100
V/V
A4 devices
200
V/V
EG
Gain error
VOUT = 0.5 V to VS – 0.5 V,
TA = –40°C to +125°C
±0.1%
±1%
Gain error vs temperature
TA = –40°C to +125°C
1.5
20
ppm/°C
Nonlinearity error
VOUT = 0.5 V to VS – 0.5 V
±0.01%
Maximum capacitive load
No sustained oscillation
1
nF
VOLTAGE OUTPUT (2)
VSP
Swing to VS power-supply rail (3)
RL = 10 kΩ to GND, TA = –40°C to
+125°C
(VS) – 0.02
(VS) – 0.03
V
VSN
Swing to GND (3)
RL = 10 kΩ to GND, TA = –40°C to
+125°C
(VGND) +
0.0005
(VGND) +
0.005
V
FREQUENCY RESPONSE
BW
Bandwidth
A1 devices, CLOAD = 10 pF
350
kHz
A2 devices, CLOAD = 10 pF
210
kHz
A3 devices, CLOAD = 10 pF
150
kHz
A4 devices, CLOAD = 10 pF
105
kHz
SR
Slew rate
2
V/μs
NOISE, RTI (1)
Voltage noise density
40
nV/√Hz
POWER SUPPLY
IQ
Quiescent current
INA181
VSENSE = 0 mV
195
260
μA
VSENSE = 0 mV, TA = –40°C to +125°C
300
INA2181
VSENSE = 0 mV
356
500
μA
VSENSE = 0 mV, TA = –40°C to +125°C
520
INA4181
VSENSE = 0 mV
690
900
μA
VSENSE = 0 mV, TA = –40°C to +125°C
1000
(1)
RTI = referred-to-input.
(2)
See Output Voltage Swing vs Output Current
(3)
Swing specifications are tested with an overdriven input condition.
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com