Electronic Components Datasheet Search
  English  ▼

X  

PCA9507 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9507
Description  2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9507 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9507 Datasheet HTML 1Page - NXP Semiconductors PCA9507 Datasheet HTML 2Page - NXP Semiconductors PCA9507 Datasheet HTML 3Page - NXP Semiconductors PCA9507 Datasheet HTML 4Page - NXP Semiconductors PCA9507 Datasheet HTML 5Page - NXP Semiconductors PCA9507 Datasheet HTML 6Page - NXP Semiconductors PCA9507 Datasheet HTML 7Page - NXP Semiconductors PCA9507 Datasheet HTML 8Page - NXP Semiconductors PCA9507 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PCA9507_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2008
5 of 20
NXP Semiconductors
PCA9507
2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
6.3 Resistor pull-up value selection
6.3.1 Port A (SDAA and SCLA)
SDAA and SCLA are open-drain I/O that have rise time accelerators and strong pull-down.
When the inputs transition above 0.3VCC(A), the rise time accelerator activates and boosts
the pull-up current during rising edge to meet the I2C-bus rise time specification when the
device drives a long cable or heavier capacitance load. The strong pull-down enables the
output to drive to nearly zero voltage for logic LOW. The selection for pull-up resistors are
defined in the HDMI DDC specification shown in Table 3. For HDMI transmitter
applications like digital video player, recorder, or set-top box, the pull-up resistor is in the
range of 1.5 k
Ω to 2 kΩ. For HDMI receiver applications like in LCD TV or video card, the
pull-up resistor is 47 k
Ω on the SCLA line, and there is no pull-up on the SDAA line.
Please refer to Table 3, Figure 7 and Figure 8 for more details. Figure 5 shows the port A
pull-up resistor values (in k
Ω) versus capacitance load (in nF) for 5 V supply voltage
complied with 1
µs rise time per I2C-bus Standard-mode specification. The graph
contrasts a shaded and unshaded region. Any resistor value chosen within the unshaded
region would comply with 1
µs rise time, while any value chosen in the shaded region
would not.
Table 3.
HDMI DDC pull-up resistors specification
Pin
Where
Minimum
Maximum
SDAA
at the source (DVD/STB)
1.5 k
Ω
2.0 k
Ω
at the sink (LCD TV)
-
-
SCLA
at the source (DVD/STB)
1.5 k
Ω
2.0 k
Ω
at the sink (LCD TV)
47 k
Ω± 10 %
rise time = 1
µs; V
CC(A) =5V
Fig 5.
SDAA/SCLA line pull-up resistor versus load capacitance
CL (nF)
0
4.0
3.0
2.0
1.0
002aad620
4.5
6.5
2.5
8.5
10.5
RPU
(k
Ω)
0.5
does not comply with
1
µs rise time
complies with
1
µs rise time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com