Electronic Components Datasheet Search
  English  ▼

X  

PCA9507 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9507
Description  2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9507 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9507 Datasheet HTML 3Page - NXP Semiconductors PCA9507 Datasheet HTML 4Page - NXP Semiconductors PCA9507 Datasheet HTML 5Page - NXP Semiconductors PCA9507 Datasheet HTML 6Page - NXP Semiconductors PCA9507 Datasheet HTML 7Page - NXP Semiconductors PCA9507 Datasheet HTML 8Page - NXP Semiconductors PCA9507 Datasheet HTML 9Page - NXP Semiconductors PCA9507 Datasheet HTML 10Page - NXP Semiconductors PCA9507 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PCA9507_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2008
7 of 20
NXP Semiconductors
PCA9507
2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
7.
Application design-in information
A typical application is shown in Figure 6. In this example, the system master is running
on a 3.3 V I2C-bus while the slave is connected to a 5 V bus. Both buses run at 400 kHz.
Master devices can be placed on either bus. HDMI DDC applications for DVD/R and
LCD TV are shown in Figure 7 and Figure 8, respectively. In these applications the HDMI
transmitter or receiver is 3.3 V, while the DDC line is 5 V, PCA9507 behaves like a voltage
level shift, a buffer and long cable bus extender to ensure signal integrity for accessing the
EDID on the DDC line.
Fig 6.
Typical application
002aad403
VCC(A)
VCC(B)
PCA9507
SDAB
SDAA
SCLB
SCLA
EN
10 k
Ω
10 k
Ω
SDA
SCL
BUS
MASTER
400 kHz
SLAVE
400 kHz
SDA
SCL
bus B
bus A
5 V
3.3 V
10 k
Ω
10 k
Ω
Fig 7.
Source or DVD/R, STB application
002aad404
VCC(A)
VCC(B)
SDAB
SDAA
SCLB
SCLA
1.5 k
Ω
to
2.0 k
Ω
10 k
Ω
(optional)
GND
10 k
Ω
EN
3.3 V
0.1
µF
10 k
Ω
HDMI
TRANSMITTER
PCA9507
0.1
µF
1.5 k
Ω
to
2.0 k
Ω
5 V
HDMI cable
DDC line
LCD TV (sink)
PCA9507
PCA9512A
PCA9517
PCA9515
DVD/R or STB
22
Ω
22
Ω
Fig 8.
Sink or LCD TV application
002aad405
VCC(A)
VCC(B)
SDAB
SDAA
SCLB
SCLA
10 k
Ω
(optional)
GND
10 k
Ω
EN
3.3 V
0.1
µF
10 k
Ω
HDMI
RECEIVER
PCA9507
0.1
µF
47 k
Ω
5 V
HDMI cable
DDC line
DVD (source)
PCA9507
PCA9512A
PCA9517
PCA9515
LCD TV
22
Ω
22
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com