Electronic Components Datasheet Search
  English  ▼

X  

INA186 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA186
Description  INA186-Q1 AEC-Q100, 40-V, Bidirectional, High-Precision Current Sense Amplifier With picoamp IB and ENABLE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA186 Datasheet HTML 17Page - Texas Instruments INA186 Datasheet HTML 18Page - Texas Instruments INA186 Datasheet HTML 19Page - Texas Instruments INA186 Datasheet HTML 20Page - Texas Instruments INA186 Datasheet HTML 21Page - Texas Instruments INA186 Datasheet HTML 22Page - Texas Instruments INA186 Datasheet HTML 23Page - Texas Instruments INA186 Datasheet HTML 24Page - Texas Instruments INA186 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
8.1.4 Common-Mode Voltage Transients
With a small amount of additional circuitry, the INA186-Q1 can be used in circuits subject to transients that
exceed the absolute maximum voltage ratings. The most simple way to protect the inputs from negative
transients is to add resistors in series with the IN– and IN+ pins. Use resistors that are 1 kΩ or less, and limit the
current in the ESD structures to less than 5 mA. For example, using 1-kΩ resistors in series with the INA186-Q1
allows voltages as low as –5 V, while limiting the ESD current to less than 5 mA. Use the circuits shown in
Figure 8-4 and Figure 8-5 if protection from high-voltage positive or negative, common-voltage transients is
needed. When implementing these circuits, use only Zener diodes or Zener-type transient absorbers (sometimes
referred to as transzorbs); any other type of transient absorber has an unacceptable time delay. Start by adding
a pair of resistors as a working impedance for the Zener diode (see Figure 8-4). Keep these resistors as small
as possible; most often, use around 100 Ω. See Signal Conditioning for information on how larger values can
be used with an effect on gain. This circuit limits only short-term transients; therefore, many applications are
satisfied with a 100-Ω resistor along with conventional Zener diodes of the lowest acceptable power rating. This
combination uses the least amount of board space. These diodes can be found in packages as small as
SOT-523 or SOD-523.
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
RPROTECT
RPROTECT
+
±
Bus Voltage
up to 40 V
RSENSE
Load
Capacitively
Coupled
Amplifier
INA186-Q1
REF
GND
< 1 k:
< 1 k:
CBYPASS
0.1 µF
Figure 8-4. Transient Protection Using Dual Zener Diodes
In the event that low-power Zener diodes do not have sufficient transient absorption capability, a higher-power
transzorb must be used. The most package-efficient solution involves using a single transzorb and back-to-back
diodes between the device inputs, as shown in Figure 8-5. The most space-efficient solutions are dual, series-
connected diodes in a single SOT-523 or SOD-523 package. In either of the examples shown in Figure 8-4 and
Figure 8-5, the total board area required by the INA186-Q1 with all protective components is less than that of an
SO-8 package, and only slightly greater than that of an VSSOP-8 package.
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
RPROTECT
RPROTECT
+
±
Bus Voltage
up to 40 V
RSENSE
Load
Capacitively
Coupled
Amplifier
INA186-Q1
REF
GND
< 1 k:
< 1 k:
Transorb
CBYPASS
0.1 µF
Figure 8-5. Transient Protection Using a Single Transzorb and Input Clamps
For more information, see the Current Shunt Monitor With Transient Robustness reference design.
www.ti.com
INA186-Q1
SBOS386B – MAY 2019 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA186-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com