Electronic Components Datasheet Search
  English  ▼

X  

INA186 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA186
Description  INA186-Q1 AEC-Q100, 40-V, Bidirectional, High-Precision Current Sense Amplifier With picoamp IB and ENABLE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186 Datasheet(HTML) 1 Page - Texas Instruments

  INA186 Datasheet HTML 1Page - Texas Instruments INA186 Datasheet HTML 2Page - Texas Instruments INA186 Datasheet HTML 3Page - Texas Instruments INA186 Datasheet HTML 4Page - Texas Instruments INA186 Datasheet HTML 5Page - Texas Instruments INA186 Datasheet HTML 6Page - Texas Instruments INA186 Datasheet HTML 7Page - Texas Instruments INA186 Datasheet HTML 8Page - Texas Instruments INA186 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
INA186-Q1 AEC-Q100, 40-V, Bidirectional, High-Precision Current Sense Amplifier
With picoamp IB and ENABLE
1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Wide common-mode voltage range, VCM:
–0.2 V to +40 V with survivability up to 42
V (recommended for automotive 12-V battery
applications)
• Low input bias currents, IIB: 500 pA (typical)
• Low power:
– Low supply voltage, VS: 1.7 V to 5.5 V
– Low quiescent current, IQ: 48 µA (typical)
• Accuracy:
– Common-mode rejection ratio: 120 dB
(minimum)
– Gain error, EG: ±1% (maximum)
– Gain drift: 10 ppm/°C (maximum)
– Offset voltage, VOS: ±50 μV (maximum)
– Offset drift: 0.5 μV/°C (maximum)
• Bidirectional current sensing capability
• Gain options:
– INA186A1-Q1: 25 V/V
– INA186A2-Q1: 50 V/V
– INA186A3-Q1: 100 V/V
– INA186A4-Q1: 200 V/V
– INA186A5-Q1: 500 V/V
2 Applications
• Body control module (BCM)
• Telematics control unit
• Emergency call (eCall)
• 12-V battery management system (BMS)
• Automotive head unit
3 Description
The INA186-Q1 is an automotive, low-power, voltage-
output, current-sense amplifier (also called a current-
shunt monitor). This device is commonly used
for monitoring systems directly connected to an
automotive 12-V battery. The INA186-Q1 can sense
drops across shunts at common-mode voltages from
–0.2 V to +40 V, independent of the supply voltage.
In addition, the input pins have an absolute maximum
voltage of 42V.
The low input bias current of the INA186-Q1
permits the use of larger current-sense resistors,
thus providing accurate current measurements in the
microamp range. The low offset voltage of the zero-
drift architecture extends the dynamic range of the
current measurement. This feature allows for smaller
sense resistors with lower power loss, while still
providing accurate current measurements.
The INA186-Q1 operates from a single 1.7-V to 5.5-V
power supply, and draws a maximum of 90 μA of
supply current . Five fixed gain options are available:
25 V/V, 50 V/V, 100 V/V, 200 V/V, or 500 V/V. The
device is specified over the operating temperature
range of –40°C to +125°C, and offered in SC70,
SOT-23 (5), and SOT-23 (8) packages. The SC70
and SOT-23 (DDF) packages supports bidirectional
current measurement, whereas the SOT-23 (DBV)
only supports current measurement in one direction.
Table 3-1. Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA186-Q1
SC70 (6)
2.00 mm × 1.25 mm
SOT-23 (5)
2.90 mm × 1.60 mm
SOT-23 (8)
2.90 mm × 1.60 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
ADC
ENABLE
(2)
VS
OUT
REF
(1)
GND
IN+
IN±
LOAD
Microcontroller
Supply Voltage
1.7 V to 5.5 V
Bus Voltage
±0.2 V to +40 V
0.5 nA
(typ)
0.5 nA
(typ)
0.1 …F
RSENSE
INA186-Q1
CBYPASS
(1) The REF pin is available in
SC70 and DDF packages
(2) The ENABLE pin is available
only in the DDF package.
Typical Application
INA186-Q1
SBOS386B – MAY 2019 – REVISED MARCH 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA186

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA186 TI1-INA186 Datasheet
1Mb / 31P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
INA186 TI1-INA186 Datasheet
497Kb / 27P
Automotive, 40-V Current Sense Amplifier for Cost-Sensitive Systems
INA186 TI1-INA186 Datasheet
1Mb / 38P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
INA186 TI1-INA186 Datasheet
1Mb / 36P
INA186-Q1 Automotive, 40-V Current Sense Amplifier for Cost-Sensitive Systems
INA186 TI-INA186 Datasheet
2Mb / 46P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
REVISED JULY 2021
More results

Similar Description - INA186

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA186-Q1 TI1-INA186-Q1_V01 Datasheet
1Mb / 36P
INA186-Q1 Automotive, 40-V Current Sense Amplifier for Cost-Sensitive Systems
INA281-Q1 TI-INA281-Q1 Datasheet
1Mb / 25P
INA281-Q1 AEC-Q100, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
INA191 TI-INA191_V01 Datasheet
2Mb / 41P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA191 TI-INA191_V02 Datasheet
2Mb / 42P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA186-Q1 TI-INA186-Q1_V02 Datasheet
2Mb / 40P
INA186-Q1 AEC-Q100, 40-V, Bidirectional, High-Precision Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA190-Q1 TI-INA190-Q1_V01 Datasheet
2Mb / 39P
INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA241A-Q1 TI-INA241A-Q1 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V01 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V02 Datasheet
2Mb / 38P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V03 Datasheet
2Mb / 39P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com