Electronic Components Datasheet Search
  English  ▼

X  

LM73-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM73-Q1
Description  LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM73-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM73-Q1 Datasheet HTML 7Page - Texas Instruments LM73-Q1 Datasheet HTML 8Page - Texas Instruments LM73-Q1 Datasheet HTML 9Page - Texas Instruments LM73-Q1 Datasheet HTML 10Page - Texas Instruments LM73-Q1 Datasheet HTML 11Page - Texas Instruments LM73-Q1 Datasheet HTML 12Page - Texas Instruments LM73-Q1 Datasheet HTML 13Page - Texas Instruments LM73-Q1 Datasheet HTML 14Page - Texas Instruments LM73-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LM73
www.ti.com
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
Table 1. 11-Bit (10-Bit Plus Sign) (continued)
DIGITAL OUTPUT
TEMPERATURE
BINARY
HEX
0°C
0000 0000 0000 0000
0000h
−0.25°C
1111 1111 1110 0000
FFE0h
−1°C
1111 1111 1000 0000
FF80h
−25°C
1111 0011 1000 0000
F380h
−40°C
1110 1100 0000 0000
EC00h
Table 2. 12-Bit (11-Bit Plus Sign)
DIGITAL OUTPUT
TEMPERATURE
BINARY
HEX
150°C
0100 1011 0000 0000
4B00h
25°C
0000 1100 1000 0000
0C80h
1°C
0000 0000 1000 0000
0080h
0.125°C
0000 0000 0001 0000
0010h
0°C
0000 0000 0000 0000
0000h
−0.125°C
1111 1111 1111 0000
FFF0h
−1°C
1111 1111 1000 0000
FF80h
−25°C
1111 0011 1000 0000
F380h
−40°C
1110 1100 0000 0000
EC00h
Table 3. 13-Bit (12-Bit Plus Sign)
DIGITAL OUTPUT
TEMPERATURE
BINARY
HEX
150°C
0100 1011 0000 0000
4B00h
25°C
0000 1100 1000 0000
0C80h
1°C
0000 0000 1000 0000
0080h
0.0625°C
0000 0000 0000 1000
0008h
0°C
0000 0000 0000 0000
0000h
−0.0625°C
1111 1111 1111 1000
FFF8h
−1°C
1111 1111 1000 0000
FF80h
−25°C
1111 0011 1000 0000
F380h
−40°C
1110 1100 0000 0000
EC00h
Table 4. 14-Bit (13-Bit Plus Sign)
DIGITAL OUTPUT
TEMPERATURE
BINARY
HEX
150°C
0100 1011 0000 0000
4B00h
25°C
0000 1100 1000 0000
0C80h
1°C
0000 0000 1000 0000
0080h
0.03125°C
0000 0000 0000 0100
0004h
0°C
0000 0000 0000 0000
0000h
−0.03125°C
1111 1111 1111 1100
FFFCh
−1°C
1111 1111 1000 0000
FF80h
−25°C
1111 0011 1000 0000
F380h
−40°C
1110 1100 0000 0000
EC00h
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com