Electronic Components Datasheet Search
  English  ▼

X  

LM73-Q1 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM73-Q1
Description  LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM73-Q1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM73-Q1 Datasheet HTML 8Page - Texas Instruments LM73-Q1 Datasheet HTML 9Page - Texas Instruments LM73-Q1 Datasheet HTML 10Page - Texas Instruments LM73-Q1 Datasheet HTML 11Page - Texas Instruments LM73-Q1 Datasheet HTML 12Page - Texas Instruments LM73-Q1 Datasheet HTML 13Page - Texas Instruments LM73-Q1 Datasheet HTML 14Page - Texas Instruments LM73-Q1 Datasheet HTML 15Page - Texas Instruments LM73-Q1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
LM73
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
www.ti.com
7.3.4 SMBus Interface
The LM73 operates as a slave on the SMBus. The SMBDAT line is bidirectional. The SMBCLK line is an input
only. The LM73 never drives the SMBCLK line and it does not support clock stretching.
The LM73 uses a 7-bit slave address. It is available in two versions. Each version can be configured for one of
three unique slave addresses, for a total of six unique address.
PART
ADDRESS
DEVICE
NUMBER
PIN
ADDRESS
Float
1001 000
LM73-0
Ground
1001 001
VDD
1001 010
Float
1001 100
LM73-1
Ground
1001 101
VDD
1001 110
The SMBDAT output is an open-drain output and does not have internal pull-ups. A “high” level will not be
observed on this pin until pull-up current is provided by some external source, typically a pull-up resistor. Choice
of resistor value depends on many system factors but, in general, the pull-up resistor should be as large as
possible without effecting the SMBus desired data rate. This will minimize any internal temperature reading
errors due to internal heating of the LM73.
The LM73 features an integrated low-pass filter on both the SMBCLK and the SMBDAT line. These filters
increase communications reliability in noisy environments.
If either the SMBCLK or SMBDAT line is held low for a time greater than tTIMEOUT (see Logic Electrical
Characteristics for the value of tTIMEOUT), the LM73 state machine will reset to the SMBus idle state, releasing the
data line. Once the SMBDAT is released high, the master may initiate an SMBus start.
7.3.5 ALERT Function
The ALERT output is an over-temperature indicator. At the end of every temperature conversion, the measured
temperature is compared to the value in the THIGH Register. If the measured temperature exceeds the value
stored in THIGH, the ALERT output goes active (see Figure 6). This over-temperature condition will also cause the
ALRT_STAT bit in the Control/Status Register to change value (this bit mirrors the logic level of the ALERT pin).
The ALERT pin and the ALRT_STAT bit are cleared when any of the following occur:
•
The measured temperature falls below the value stored in the TLOW Register
•
A 1 is written to the ALERT Reset bit in the Configuration Register
•
The master resets it through an SMBus Alert Response Address (ARA) procedure
If ALERT has been cleared by the master writing a 1 to the ALERT Reset bit, while the measured temperature
still exceeds the THIGH setpoint, ALERT will go active again after the completion of the next temperature
conversion.
Each temperature reading is associated with a Temperature High (THI) and a Temperature Low (TLOW) flag in
the Control/Status Register. A digital comparison determines whether that reading is above the THIGH setpoint or
below the TLOW setpoint. If so, the corresponding flag is set. All digital comparisons to the THIGH, and TLOW values
are based on an 11-bit temperature comparison. Regardless of the resolution setting of the LM73, the lower
three temperature LSBs will not affect the state of the ALERT output, THI flag, and TLOW flag.
12
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com