Electronic Components Datasheet Search
  English  ▼

X  

327043 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 327043
Description  PLASTI-GRIP Terminals & Splices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

327043 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  327043 Datasheet HTML 1Page - TE Connectivity Ltd 327043 Datasheet HTML 2Page - TE Connectivity Ltd 327043 Datasheet HTML 3Page - TE Connectivity Ltd 327043 Datasheet HTML 4Page - TE Connectivity Ltd 327043 Datasheet HTML 5Page - TE Connectivity Ltd 327043 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For More inForMation
te technical support center
Internet:
te.com/help
USA:
+1 (800) 522-6752
Canada:
+1 (905) 475-6222
Mexico
+52 (0) 55-1106-0800
Latin/S. America:
+54 (0) 11-4733-2200
Germany:
+49 (0) 6251-133-1999
UK:
+44 (0) 800-267666
France:
+33 (0) 1-3420-8686
Netherlands:
+31 (0) 73-6246-999
China:
+86 (0) 400-820-6015
Part numbers in this brochure are RoHS Compliant*, unless marked otherwise.
*as defined www.te.com/leadfree
te.com
© 2012 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved.
6-1773465-8 CIS WR 08/2013
TE Connectivity and TE connectivity (logo) are trademarks. Other logos, product and/or
company names might be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this document, TE does not guarantee that it is
error-free, nor does TE make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current.
TE reserves the right to make any adjustments to the information contained herein at any time without notice. TE expressly disclaims all
implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or
fitness for a particular purpose. The dimensions in this document are for reference purposes only and are subject to change without notice.
Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications.
FreQuently asKed Questions
can wires be combined in Plasti-GriP terminals?
Yes they can as long total CMA (Circular MIL Area) and insulation
diameter fall within specification.
are te Plasti-GriP terminals Mil specified?
No, PLASTI-GRIP terminals are not Military qualified;
Most PIDG and SOLISTRAND terminals are qualified to SAE AS7928.
What to choose if you need higher temperature?
Use STRATO-THERM terminals (catalog 82011).
Why can Plasti-GriP terminals handle 600 V and PidG terminals
just 300 V?
Because there’s no additional metallic sleeve to support the crimp
(see picture).
Why is there no crimpheight given for Plasti-GriP terminals?
It is the geometry of the TE crimping tools which guarantees the
perfect crimp on PLASTI-GRIP terminals.
toolinG
commercial tooling
Most terminals (AWG22-10) can be terminated with handtool
58433-3 (58423-1 + 354940-1) or 169400 + 169404.
For Butt-splices only 58433-3 and for Parallel-splices no
commercial tooling available.
For wire sizes 8 - 2 no commercial tooling available.
Premium tooling
AWG 22 - 16
47386 or 59824-1
AWG 16 - 14
47387 or 59824-1
AWG 12 - 10
59239-4 or 59824-1
AWG 8
59974-1 + 47820 or 59974-1 + 48752-1
AWG 6
59974-1 + 47821 or 59974-1 + 48753-1
AWG 4
59974-1 + 47822 or 59974-1 + 48754-1
AWG 2
59974-1 + 47823 or 59974-1 + 48755-1
Butt Splices:
Parallel Splices:
AWG 26 - 22
46121
AWG 22 - 16
45449
AWG 22 - 16
45160
AWG 16 - 14
45450
AWG 16 - 14
45575-1
AWG 12 - 10
59270
AWG 12 - 10
59489
service tool
AWG 22 - 10
169060-8
http://tooling.te.com/europe/handtools.asp
http://www.te.com
PidG
Plasti-GriP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com