Electronic Components Datasheet Search
  English  ▼

X  

34945 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 34945
Description  PLASTI-GRIP Terminals & Splices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

34945 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  34945 Datasheet HTML 1Page - TE Connectivity Ltd 34945 Datasheet HTML 2Page - TE Connectivity Ltd 34945 Datasheet HTML 3Page - TE Connectivity Ltd 34945 Datasheet HTML 4Page - TE Connectivity Ltd 34945 Datasheet HTML 5Page - TE Connectivity Ltd 34945 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
te.com/products/plasti-grip
PLASTI-GRIP Terminals & Splices
TE Connectivity
ring tongue terminals
Wire size
Material
thickness
studsize/
Pin length
Wire Pin
standard
Part
number
Width (W)
length (l)
color
Max. Wire
insulation dia.
also available in4
remarks
aWG
mm2
inch
mm
u.s.
mm
inch
mm
inch
mm
inch
mm
Tape & Reel
Small Pack
22 - 16
0,26 - 1,65
.033
0,84
2
M2
34140
.218
5,54
.684
17,37
●
.140
3,56
✔
✔
A
5
M3
34141
.218
5,54
.684
17,37
●
.140
3,56
✔
✔
A
5
M3
34143
.281
7,14
.809
20,55
●
.140
3,56
✔
–
A
6
M3.5
32945
.218
5,54
.684
17,37
●
.125
3,18
✔
✔
A
6
M3.5
34142
.218
5,54
.684
17,37
●
.140
3,56
✔
–
A
6
M3.5
32947
.281
7,14
.809
20,55
●
.125
3,18
✔
✔
A
6
M3.5
34144
.281
7,14
.809
20,55
●
.140
3,56
✔
✔
A
6
M3.5
34147
.281
7,14
.809
20,55
●
.140
3,56
✔
✔
A
8
M4
32948
.281
7,14
.809
20,55
●
.125
3,18
✔
–
A
8
M4
34145
.281
7,14
.809
20,55
●
.140
3,56
✔
✔
A
8
M4
32951
.312
7,92
.856
21,74
●
.125
3,18
✔
✔
A
8
M4
34148
.312
7,92
.856
21,74
●
.140
3,56
✔
✔
A
10
34146
.281
7,14
.809
20,55
●
.140
3,56
✔
✔
A
10
35451
.281
7,14
.809
20,55
●
.170
4,32
✔
–
A
10
32952
.312
7,92
.856
21,74
●
.125
3,18
✔
✔
A
10
34149
.312
7,92
.856
21,74
●
.140
3,56
✔
–
A
.031
0,80
M5
130014
.315
8,00
.858
21,80
●
.140
3,56
✔
✔
A
.033
0,84
1/4
M6
32953
.469
11,91
1.090
27,69
●
.125
3,18
✔
✔
A
1/4
M6
34150
.469
11,91
1.090
27,69
●
.140
3,56
✔
✔
A
.031
0,80
1/4
M6
130054
.469
11,91
1.095
27,81
●
.140
3,56
–
✔
A
.033
0,84
5/16
M8
34151
.469
11,91
1.090
27,69
●
.140
3,56
✔
✔
A
3/8
34152
.531
13,49
1.230
31,24
●
.140
3,56
✔
✔
A
16 - 14
1,04 - 2,62
.033
0,84
6
M3.5
34158
.250
6,35
.715
18,16
●
.170
4,32
✔
✔
A
6
M3.5
34159
.343
8,71
.871
22,12
●
.170
4,32
✔
✔
A
8
M4
328527
.312
7,92
.825
20,96
●
.170
4,32
✔
✔
A
8
M4
32959
.343
8,71
.871
22,12
●
.145
3,68
✔
✔
A
8
M4
34160
.343
8,71
.871
22,12
●
.170
4,32
✔
✔
A
10
32960
.343
8,71
.871
22,12
●
.145
3,68
✔
✔
A
10
34161
.343
8,71
.871
22,12
●
.170
4,32
✔
✔
A
.031
0,80
M5
130102
.343
8,70
.878
22,30
●
.193
4,90
✔
✔
A
.033
0,84
1/4
M6
34162
.469
11,91
1.090
27,69
●
.170
4,32
✔
✔
A
.031
0,80
M6
130126
.469
11,90
1.098
27,90
●
.193
4,90
✔
✔
A
.033
0,84
5/16
M8
34163
.469
11,91
1.090
27,69
●
.170
4,32
✔
✔
A
3/8
34164
.531
13,49
1.248
31,70
●
.170
4,32
✔
–
A
.031
0,80
M10
160136
.657
16,70
1.244
31,60
●
.193
4,90
–
✔
A
12 - 10
2,62 - 6,64
.042
1,07
6
M3.5
34852
.281
7,14
.953
24,21
●
.250
6,35
✔
✔
A
8
M4
34853
.375
9,53
1.098
27,89
●
.250
6,35
✔
✔
A
10
330518
.312
7,92
1.052
26,72
●
.230
5,84
✔
–
A
10
34854
.375
9,53
1.098
27,89
●
.250
6,35
✔
✔
A
.039
1,00
M5
160292
.374
9,50
1.098
27,90
●
.252
6,40
✔
✔
A
1/4
M6
165035
.500
12,70
1.184
30,07
●
.267
6,78
–
✔
A
.042
1,07
1/4
M6
34855
.531
13,49
1.327
33,71
●
.250
6,35
✔
✔
A
5/16
M8
34856
.531
13,49
1.327
33,71
●
.250
6,35
✔
✔
A
.039
1,00
M8
160296
.500
12,70
1.185
30,10
●
.248
6,30
–
✔
A
.042
1,07
3/8
34173
.593
15,06
1.421
36,09
●
.230
5,84
✔
✔
A
.039
1,00
M10
160300
.594
15,09
1.433
36,40
●
.248
6,30
–
✔
A
.042
1,07
1/2
M12
34837
.750
19,05
1.594
40,49
●
.250
6,35
✔
✔
A
8
6,64 - 10,50
.043
1,09
8
M4
52041
.478
12,14
1.586
40,28
●
.360
9,14
✔
–
C
10
52263
.431
10,95
1.556
39,52
●
.360
9,14
✔
–
B
10
52263-1
.431
10,95
1.576
40,03
●
.330
8,38
✔
–
B
1/4
M6
52041-1
.478
12,14
1.586
40,28
●
.360
9,14
✔
–
C
Material
Insulation:
Vinyl, UL 94V-0
Terminal Body: Copper per ASTM B-152
Plating:
Tin per ASTM B-545
l
l
l
W
W
W
a
B
c



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com