Electronic Components Datasheet Search
  English  ▼

X  

34945 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 34945
Description  PLASTI-GRIP Terminals & Splices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

34945 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  34945 Datasheet HTML 1Page - TE Connectivity Ltd 34945 Datasheet HTML 2Page - TE Connectivity Ltd 34945 Datasheet HTML 3Page - TE Connectivity Ltd 34945 Datasheet HTML 4Page - TE Connectivity Ltd 34945 Datasheet HTML 5Page - TE Connectivity Ltd 34945 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
te.com
/products/plasti-grip
Pre-insulated PLASTI-GRIP solderless terminals and splices are designed specifically to answer
the need for inexpensive, insulated electrical terminations. They can be used in almost every
type of commercial application and accommodate wire sizes from 22 AWG through 2/0 AWG.
Carefully engineered application tooling has been developed to ensure uniformly high quality
terminations. Tool and terminal have been designed as a team to promote ease and speed of
application and at the same time to provide precise crimping pressure for every wire size.
The wire and the terminal barrel form a homogeneous mass of metal, providing a connection
of maximum conductivity, tensile strength, and high resistance to corrosion.
The quality performance, the facility of installation and the inherent simplicity make them ideal
for many industrial applications. PLASTI-GRIP products are available as rings, spades, flanged
spaded, slotted rings, splices and several other varieties. Wire ranges for the terminals and
splices are 22 AWG through 2/0 and stud sizes from #2 through 1/2”.
Key Features and BeneFits
•
Vinyl insulation sleeve provides good dielectric
strength and supports the wire insulation so that no
bare wire is exposed
•
Most product is UL and CSA approved
•
Most product rated to 105 degrees C, with an operating
voltage of 600 V
•
Insulation is 94V-0 rated
•
Funneled wire entry on terminal prevents turned back
wire strands and permits rapid wire insertion during
high speed production
•
Serrations in the crimp barrel provide maximum
contact and tensile strength after crimping
Product aPPlications
•
HVAC
•
Instruments/Controls
•
Lighting
•
Switchgear
•
Power Supplies
•
Panel Boxes
•
Transportation
•
Motors
Quick reference Guide
PLASTI-GRIP Terminals & Splices


Similar Part No. - 34945

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34945A KEYSIGHT-34945A Datasheet
1Mb / 35P
Multifunction Switch/Measure Unit
More results

Similar Description - 34945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34853 ETC1-34853 Datasheet
49Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP
34854 ETC1-34854 Datasheet
47Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP
logo
Tyco Electronics
2-130102-1 MACOM-2-130102-1 Datasheet
55Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP
10054 MACOM-10054 Datasheet
39Kb / 1P
TERMINAL, SPADE, PLASTI GRIP
34856 MACOM-34856 Datasheet
54Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP
34162 MACOM-34162 Datasheet
78Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP
320569 MACOM-320569 Datasheet
258Kb / 30P
Standard Terminals and Splices
53041 MACOM-53041 Datasheet
153Kb / 6P
Standard Terminals and Splices
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
408-2423 TEC-408-2423 Datasheet
510Kb / 7P
Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com