Electronic Components Datasheet Search
  English  ▼

X  

TDA7563B Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7563B
Description  4 x 50 W multifunction quad power amplifier with built-in diagnostics feature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7563B_V01 Datasheet HTML 11Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 12Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 13Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 14Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 15Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 16Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 17Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 18Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
TDA7563B
Diagnostics functional description
Doc ID 12733 Rev 6
15/33
Figure 21.
SVR and output pin behavior (case 2: with turn-on diagnostic)
The information related to the outputs status is read and memorized at the end of the
current pulse top. The acquisition time is 100 ms (typ.). No audible noise is generated in the
process. As for short to GND / Vs the fault-detection thresholds remain unchanged from 30
dB to 16 dB gain setting. They are as follows:
Figure 22.
Thresholds for short to GND/VS
Concerning short across the speaker / open speaker, the threshold varies from 30 dB to 16
dB gain setting, since different loads are expected (either normal speaker's impedance or
high impedance). The values in case of 30 dB gain are as follows:
Figure 23.
Thresholds for short across the speaker/open speaker
If the line-driver mode (Gv= 16 dB and line driver mode diagnostic = 1) is selected, the same
thresholds will change as follows:
Figure 24.
Thresholds for line-drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com