Electronic Components Datasheet Search
  English  ▼

X  

TDA7563B Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7563B
Description  4 x 50 W multifunction quad power amplifier with built-in diagnostics feature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7563B_V01 Datasheet HTML 12Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 13Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 14Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 15Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 16Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 17Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 18Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 19Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Diagnostics functional description
TDA7563B
16/33
Doc ID 12733 Rev 6
4.2
Permanent diagnostics
Detectable conventional faults are:
Short to GND
–Short to Vs
Short across the speaker
The following additional features are provided:
Output offset detection
The TDA7563B has 2 operating statuses:
1.
Restart mode. The diagnostic is not enabled. Each audio channel operates
independently of each other. If any of the a.m. faults occurs, only the channel(s)
interested is shut down. A check of the output status is made every 1 ms (Figure 25).
Restart takes place when the overload is removed.
2.
Diagnostic mode. It is enabled via I2C bus and self activates if an output overload (such
as to cause the intervention of the short-circuit protection) occurs to the speakers
outputs. Once activated, the diagnostics procedure develops as follows (Figure 26):
To avoid momentary re-circulation spikes from giving erroneous diagnostics, a
check of the output status is made after 1ms: if normal situation (no overloads) is
detected, the diagnostic is not performed and the channel returns active.
Instead, if an overload is detected during the check after 1 ms, then a diagnostic
cycle having a duration of about 100 ms is started.
After a diagnostic cycle, the audio channel interested by the fault is switched to
restart mode. The relevant data are stored inside the device and can be read by
the microprocessor. When one cycle has terminated, the next one is activated by
an I2C reading. This is to ensure continuous diagnostics throughout the car-radio
operating time.
3.
To check the status of the device a sampling system is needed. The timing is chosen at
microprocessor level (over half a second is recommended).
Figure 25.
Restart timing without diagnostic enable (permanent) - Each 1ms time, a
sampling of the fault is done
Figure 26.
Restart timing with diagnostic enable (permanent)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com