Electronic Components Datasheet Search
  English  ▼

X  

LM2907M/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2907M/NOPB
Description  LM2907 and LM2917 Frequency to Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2907M/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2907M/NOPB Datasheet HTML 9Page - Texas Instruments LM2907M/NOPB Datasheet HTML 10Page - Texas Instruments LM2907M/NOPB Datasheet HTML 11Page - Texas Instruments LM2907M/NOPB Datasheet HTML 12Page - Texas Instruments LM2907M/NOPB Datasheet HTML 13Page - Texas Instruments LM2907M/NOPB Datasheet HTML 14Page - Texas Instruments LM2907M/NOPB Datasheet HTML 15Page - Texas Instruments LM2907M/NOPB Datasheet HTML 16Page - Texas Instruments LM2907M/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
CC
c(AVG)
IN
CC
IN
V
Q
= i
= C1×
× (2 f ) = V
× f × C1
T
2
'
13
LM2907-N, LM2917-N
www.ti.com
SNAS555D – JUNE 2000 – REVISED DECEMBER 2016
Product Folder Links: LM2907-N LM2917-N
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The LM2907 series of tachometer circuits is designed for minimum external part count applications and
maximum versatility. To fully exploit its features and advantages, first examine its theory of operation. The first
stage of operation is a differential amplifier driving a positive feedback flip-flop circuit. The input threshold voltage
is the amount of differential input voltage at which the output of this stage changes state. Two options (8-pin
LM2907 and LM2917) have one input internally grounded so that an input signal must swing above and below
ground and exceed the input thresholds to produce an output. This is offered specifically for magnetic variable
reluctance pickups which typically provide a single-ended AC output. This single input is also fully protected
against voltage swings to ±28 V, which are easily attained with these types of pickups.
The differential input options (LM2907, LM2917) give the user the option of setting his own input switching level
and still have the hysteresis around that level for excellent noise rejection in any application. Of course to allow
the inputs to attain common-mode voltages above ground, input protection is removed and neither input should
be taken outside the limits of the supply voltage being used. It is very important that an input not go below
ground without some resistance in its lead to limit the current that will then flow in the epi-substrate diode.
Following the input stage is the charge pump where the input frequency is converted to a DC voltage. To do this
requires one timing capacitor, one output resistor, and an integrating or filter capacitor. When the input stage
changes state (due to a suitable zero crossing or differential voltage on the input) the timing capacitor is either
charged or discharged linearly between two voltages whose difference is VCC/2. Then in one half cycle of the
input frequency or a time equal to 1/2 fIN the change in charge on the timing capacitor is equal to VCC/2 × C1.
The average amount of current pumped into or out of the capacitor is shown in Equation 4.
(4)
The output circuit mirrors this current very accurately into the load resistor R1, connected to ground, such that if
the pulses of current are integrated with a filter capacitor, then VO = ic × R1, and the total conversion formula
becomes Equation 5.
VO = VCC × fIN × C1 × R1 × K
where
•
K is the gain constant (typically 1)
(5)
The size of C2 is dependent only on the amount of ripple voltage allowable and the required response time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com