Electronic Components Datasheet Search
  English  ▼

X  

LM2907M/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2907M/NOPB
Description  LM2907 and LM2917 Frequency to Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2907M/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM2907M/NOPB Datasheet HTML 1Page - Texas Instruments LM2907M/NOPB Datasheet HTML 2Page - Texas Instruments LM2907M/NOPB Datasheet HTML 3Page - Texas Instruments LM2907M/NOPB Datasheet HTML 4Page - Texas Instruments LM2907M/NOPB Datasheet HTML 5Page - Texas Instruments LM2907M/NOPB Datasheet HTML 6Page - Texas Instruments LM2907M/NOPB Datasheet HTML 7Page - Texas Instruments LM2907M/NOPB Datasheet HTML 8Page - Texas Instruments LM2907M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
LM2907-N, LM2917-N
SNAS555D – JUNE 2000 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM2907-N LM2917-N
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 6
7.5
Electrical Characteristics........................................... 6
7.6
Typical Characteristics .............................................. 7
8
Parameter Measurement Information .................. 9
9
Detailed Description ............................................ 10
9.1
Overview ................................................................. 10
9.2
Functional Block Diagram ....................................... 11
9.3
Feature Description................................................. 11
9.4
Device Functional Modes........................................ 12
10
Application and Implementation........................ 13
10.1
Application Information.......................................... 13
10.2
Typical Applications .............................................. 14
11
Power Supply Recommendations ..................... 27
12
Layout................................................................... 28
12.1
Layout Guidelines ................................................. 28
12.2
Layout Example .................................................... 28
13
Device and Documentation Support ................. 29
13.1
Related Links ........................................................ 29
13.2
Receiving Notification of Documentation Updates 29
13.3
Community Resources.......................................... 29
13.4
Trademarks ........................................................... 29
13.5
Electrostatic Discharge Caution ............................ 29
13.6
Glossary ................................................................ 29
14
Mechanical, Packaging, and Orderable
Information ........................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2013) to Revision D
Page
•
Added Device Information table, Pin Configuration and Functions section, ESD Ratings table, Recommended
Operating Conditions table, Thermal Information table, Parameter Measurement Information section, Detailed
Description section, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information section ...... 1
•
Deleted Built-In Zener on LM2917 from Features .................................................................................................................. 1
•
Deleted Only One RC Network Provides Frequency Doubling from Features....................................................................... 1
•
Added Thermal Information table ........................................................................................................................................... 6
•
Changed tablenote text From: C2 = 0.22 mFd To: C2 = 0.22 µF .......................................................................................... 6
Changes from Revision B (March 2013) to Revision C
Page
•
Changed layout of National Semiconductor Data Sheet to TI format .................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com