Electronic Components Datasheet Search
  English  ▼

X  

LM5155 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5155
Description  LM5155x 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5155 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5155 Datasheet HTML 17Page - Texas Instruments LM5155 Datasheet HTML 18Page - Texas Instruments LM5155 Datasheet HTML 19Page - Texas Instruments LM5155 Datasheet HTML 20Page - Texas Instruments LM5155 Datasheet HTML 21Page - Texas Instruments LM5155 Datasheet HTML 22Page - Texas Instruments LM5155 Datasheet HTML 23Page - Texas Instruments LM5155 Datasheet HTML 24Page - Texas Instruments LM5155 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
where
• VF is a forward voltage drop of D1, the external diode.
The recommended value for margin to cover non-ideal factors is 1.2. If required, RSL can be added to further
increase the slope of the compensation ramp. Typically 82% of the sensed inductor current falling slope is known
as an optimal amount of the slope compensation. The RSL value to achieve 82% of the sensed inductor current
falling slope is calculated as shown in Equation 9.
LOAD
F
SUPPLY
S
SL
SW
M
V
V
V
0.82
R
30uA
R
40mV
f
L
u
u
u
u
(9)
If clock synchronization is not used, the fSW frequency equals the fRT frequency. If clock synchronization is used,
the fSW frequency equals the fSYNC frequency. The maximum value for the RSL resistance is 2 kΩ.
9.3.7 Current Limit and Minimum On-time (CS Pin)
The device provides cycle-by-cycle peak current limit protection that turns off the MOSFET when the sum of the
inductor current and the programmable slope compensation ramp reaches the current limit threshold (VCLTH).
Peak inductor current limit (IPEAK-CL) in steady state is calculated as shown in Equation 10.
RT
CLTH
SL
SYNC
PEAK CL
S
f
V
30 A
R
D
f
I
R
P u
u
u
(10)
The practical duty cycle is greater than the estimated due to voltage drops across the MOSFET and sense
resistor. The estimated duty cycle is calculated as shown in Equation 11.
SUPPLY
LOAD
F
V
D
1
V
V
(11)
Boost converters have a natural pass-through path from the supply to the load through the high-side power
diode (D1). Because of this path and the minimum on-time limitation of the device, boost converters cannot
provide current limit protection when the output voltage is close to or less than the input supply voltage. The
minimum on-time is shown in Figure 8-12 and is calculated as Equation 12.
15
ON(MIN)
6
T
800 10
t
1
4 10
8 R
u
|
u
u
(12)
If required, a small external RC filter (RF, CF) at the CS pin can be added to overcome the large leading edge
spike of the current sense signal. Select an RF value in the range of 10 Ω to 200 Ω and a CF value in the range
of 100 pF to 2 nF. Because of the effect of this RC filter, the peak current limit is not valid when the on-time
is less than 2 × RF × CF. To fully discharge the CF during the off-time, the RC time constant should satisfy the
following inequality.
F
F
SW
1 D
3
R
C
f
u
u
(13)
9.3.8 Feedback and Error Amplifier (FB, COMP Pin)
The feedback resistor divider is connected to an internal transconductance error amplifier which features high
output resistance (RO = 10 MΩ) and wide bandwidth (BW = 7 MHz). The internal transconductance error
www.ti.com
LM5155, LM51551
SNVSB75E – DECEMBER 2018 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM5155 LM51551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com