Electronic Components Datasheet Search
  English  ▼

X  

LM5155 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5155
Description  LM5155x 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5155 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5155 Datasheet HTML 8Page - Texas Instruments LM5155 Datasheet HTML 9Page - Texas Instruments LM5155 Datasheet HTML 10Page - Texas Instruments LM5155 Datasheet HTML 11Page - Texas Instruments LM5155 Datasheet HTML 12Page - Texas Instruments LM5155 Datasheet HTML 13Page - Texas Instruments LM5155 Datasheet HTML 14Page - Texas Instruments LM5155 Datasheet HTML 15Page - Texas Instruments LM5155 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
µs (see Section 9.3.5 for more details), the device starts up and an internal configuration starts. The device
typically requires a 65-µs internal start-up delay before entering standby mode. In standby mode, the VCC
regulator and RT regulator are operational, SS pin is grounded, and there is no switching at the GATE output.
IUVLO
UVLO/
SYNC
+
±
+
±
VEN
VCC_EN
VSUPPLY
VUVLO
RUVLOT
RUVLOB
RUN
Figure 9-1. Line UVLO and Enable
When the UVLO pin voltage is above the UVLO threshold, the device enters run mode. In run mode, a soft-start
sequence starts if the VCC voltage is greater than 4.5 V, or 50 µs after the VCC voltage exceeds the 2.85-V
VCC UV threshold (VVCC-UVLO), whichever comes first. UVLO hysteresis is accomplished with an internal 50-mV
voltage hysteresis and an additional 5-μA current source that is switched on or off. When the UVLO pin voltage
exceeds the UVLO threshold, the current source is enabled to quickly raise the voltage at the UVLO pin. When
the UVLO pin voltage falls below the UVLO threshold, the current source is disabled, causing the voltage at the
UVLO pin to fall quickly. When the UVLO pin voltage is less than the enable threshold (VEN), the device enters
shutdown mode after a 35-µs (typical) delay with all functions disabled.
UVLO
VCC
SS
VLOAD
GATE
2.7 V
0.55 V
2.85 V
50-µs
VCC UV delay
1.5 V
1 V
SS
1 V
=
VLOAD(TARGET)
VLOAD
Shutdown
Standby
TSS
4.5 V
UVLO should be greater than
0.55 V more than 1.5 µs to start-up
1.5 µs
> 3 cycles
SS is grounded
with 2 cycles
delay
65-µs (typical)
internal start-up delay
BIAS
= VSUPPLY
Figure 9-2. Boost Start-Up Waveforms Case 1: Start-Up by 2.85-V VCC UVLO, UVLO Toggle After Start-Up
LM5155, LM51551
SNVSB75E – DECEMBER 2018 – REVISED AUGUST 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5155 LM51551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com