Electronic Components Datasheet Search
  English  ▼

X  

LM5164 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5164
Description  LM5164 100V Input, 1A Synchronous Buck DC/DC Converter With Ultra-low IQ
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5164 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5164 Datasheet HTML 8Page - Texas Instruments LM5164 Datasheet HTML 9Page - Texas Instruments LM5164 Datasheet HTML 10Page - Texas Instruments LM5164 Datasheet HTML 11Page - Texas Instruments LM5164 Datasheet HTML 12Page - Texas Instruments LM5164 Datasheet HTML 13Page - Texas Instruments LM5164 Datasheet HTML 14Page - Texas Instruments LM5164 Datasheet HTML 15Page - Texas Instruments LM5164 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
idle duration exceeds 15 μs, the converter transitions into an ultra-low IQ mode, consuming only 10-μA quiescent
current from the input.
6.3.2 Internal VCC Regulator and Bootstrap Capacitor
The LM5164 contains an internal linear regulator that is powered from VIN with a nominal output of 5 V,
eliminating the need for an external capacitor to stabilize the linear regulator. The internal VCC regulator
supplies current to internal circuit blocks including the synchronous FET driver and logic circuits. The input
pin (VIN) can be connected directly to line voltages up to 100 V. As the power MOSFET has a low total gate
charge, use a low bootstrap capacitor value to reduce the stress on the internal regulator. It is required to select
a high-quality 2.2-nF 50-V X7R ceramic bootstrap capacitor as specified in the Absolute Maximum Ratings
section. Selecting a higher value capacitance stresses the internal VCC regulator and damages the device. A
lower capacitance than required is not sufficient to drive the internal gate of the power MOSFET. An internal
diode connects from the VCC regulator to the BST pin to replenish the charge in the high-side gate drive
bootstrap capacitor when the SW voltage is low.
6.3.3 Regulation Comparator
The feedback voltage at FB is compared to an internal 1.2-V reference. The LM5164 voltage regulation loop
regulates the output voltage by maintaining the FB voltage equal to the internal reference voltage, VREF. A
resistor divider programs the ratio from output voltage VOUT to FB.
For a target VOUT setpoint, use Equation 10 to calculate RFB2 based on the selected RFB1.
FB2
FB1
OUT
1.2 V
R
R
V
1.2 V
˜
(10)
TI recommends selecting RFB1 in the range of 100 kΩ to 1 MΩ for most applications. A larger RFB1 consumes
less DC current, which is mandatory if light-load efficiency is critical. RFB1 larger than 1 MΩ is not recommended
as the feedback path becomes more susceptible to noise. It is important to route the feedback trace away from
the noisy area of the PCB and keep the feedback resistors close to the FB pin.
6.3.4 Internal Soft Start
The LM5164 employs an internal soft-start control ramp that allows the output voltage to gradually reach
a steady-state operating point, thereby reducing start-up stresses and current surges. The soft-start feature
produces a controlled, monotonic output voltage start-up. The soft-start time is internally set to 3 ms.
6.3.5 On-Time Generator
The on-time of the LM5164 high-side FET is determined by the RRON resistor and is inversely proportional to the
input voltage, VIN. The inverse relationship with VIN results in a nearly constant frequency as VIN is varied. Use
Equation 11 to calculate the on-time.
RON
ON
IN
R
k
t
V
V
V
2.5
:
˜
(11)
Use Equation 12 to determine the RRON resistor to set a specific switching frequency in CCM.
OUT
RON
SW
V
(V) 2500
R
(k )
F
(kHz)
˜
:
(12)
Select RRON for a minimum on-time (at maximum VIN) greater than 50 ns for proper operation. In addition to this
minimum on-time, the maximum frequency for this device is limited to 1 MHz.
LM5164
SNVSAU4C – SEPTEMBER 2018 – REVISED APRIL 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM5164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com