Electronic Components Datasheet Search
  English  ▼

X  

LM5164 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5164
Description  LM5164 100V Input, 1A Synchronous Buck DC/DC Converter With Ultra-low IQ
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5164 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5164 Datasheet HTML 9Page - Texas Instruments LM5164 Datasheet HTML 10Page - Texas Instruments LM5164 Datasheet HTML 11Page - Texas Instruments LM5164 Datasheet HTML 12Page - Texas Instruments LM5164 Datasheet HTML 13Page - Texas Instruments LM5164 Datasheet HTML 14Page - Texas Instruments LM5164 Datasheet HTML 15Page - Texas Instruments LM5164 Datasheet HTML 16Page - Texas Instruments LM5164 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
6.3.6 Current Limit
The LM5164 manages overcurrent conditions with cycle-by-cycle current limiting of the peak inductor current.
The current sensed in the high-side MOSFET is compared every switching cycle to the current limit threshold
(1.5 A). To protect the converter from potential current runaway conditions, the LM5164 includes a foldback
valley current limit feature, set at 1.2 A, that is enabled if a peak current limit is detected. As shown in Figure
6-1, if the peak current in the high-side MOSFET exceeds 1.5 A (typical), the present cycle is immediately
terminated regardless of the programmed on-time (tON), the high-side MOSFET is turned off and the foldback
valley current limit is activated. The low-side MOSFET remains on until the inductor current drops below this
foldback valley current limit, after which the next on-pulse is initiated. This method folds back the switching
frequency to prevent overheating and limits the average output current to less than 1.5 A to ensure proper
short-circuit and heavy-load protection of the LM5164.
t
VREF
IAVG(ILIM)
iL
tSW
Peak ILIM
Valley ILIM
< tON
tON
IAVG1
> tSW
vFB
Figure 6-1. Current Limit Timing Diagram
Current is sensed after a leading-edge blanking time following the high-side MOSFET turnon transition. The
propagation delay of the current limit comparator is 100 ns. During high step-down conditions when the on-time
is less than 100 ns, a back-up peak current limit comparator in the low-side FET also set at 1.5 A enables
the foldback valley current limit set at 1.2 A. This innovative current limit scheme enables ultra-low duty-cycle
operation, permitting large step-down voltage conversions while ensuring robust protection of the converter.
6.3.7 N-Channel Buck Switch and Driver
The LM5164 integrates an N-channel buck switch and associated floating high-side gate driver. The gate-driver
circuit works in conjunction with an external bootstrap capacitor and an internal high-voltage bootstrap diode. A
high-quality 2.2-nF, 50-V X7R ceramic capacitor connected between the BST and SW pins provides the voltage
to the high-side driver during the buck switch on-time. See the Section 6.3.2 section for limitations. During the
off-time, the SW pin is pulled down to approximately 0 V, and the bootstrap capacitor charges from the internal
VCC through the internal bootstrap diode. The minimum off-timer, set to 50 ns (typical), ensures a minimum time
each cycle to recharge the bootstrap capacitor. When the on-time is less than 300 ns, the minimum off-timer is
forced to 250 ns to ensure that the BST capacitor is charged in a single cycle. This is vital during wake up from
sleep mode when the BST capacitor is most likely discharged.
6.3.8 Synchronous Rectifier
The LM5164 provides an internal low-side synchronous rectifier N-channel MOSFET. This MOSFET provides a
low-resistance path for the inductor current to flow when the high-side MOSFET is turned off.
The synchronous rectifier operates in a diode emulation mode. Diode emulation enables the regulator to operate
in a pulse-skipping mode during light load conditions. This mode leads to a reduction in the average switching
frequency at light loads. Switching losses and FET gate driver losses, both of which are proportional to switching
frequency, are significantly reduced at very light loads and efficiency is improved. This pulse-skipping mode also
reduces the circulating inductor current and losses associated with conventional CCM at light loads.
www.ti.com
LM5164
SNVSAU4C – SEPTEMBER 2018 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM5164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com