Electronic Components Datasheet Search
  English  ▼

X  

P5CD012 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P5CD012
Description  Secure dual interface and contact PKI smart card controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD012 Datasheet(HTML) 2 Page - NXP Semiconductors

  P5CD012 Datasheet HTML 1Page - NXP Semiconductors P5CD012 Datasheet HTML 2Page - NXP Semiconductors P5CD012 Datasheet HTML 3Page - NXP Semiconductors P5CD012 Datasheet HTML 4Page - NXP Semiconductors P5CD012 Datasheet HTML 5Page - NXP Semiconductors P5CD012 Datasheet HTML 6Page - NXP Semiconductors P5CD012 Datasheet HTML 7Page - NXP Semiconductors P5CD012 Datasheet HTML 8Page - NXP Semiconductors P5CD012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
P5CX012_02X_40_73_80_144_FAM_SDS_3
© NXP B.V. 2008. All rights reserved.
Objective short data sheet
Rev. 03 — 24 January 2008
2 of 18
NXP Semiconductors
P5Cx012/02x/40/73/80/144 family
Secure dual interface and contact PKI smart card controller
1.3 Naming conventions
1.4 Cryptographic hardware coprocessors
1.4.1 FameXE coprocessor
The approved and modular FameXE architecture supports the trend of increasing RSA
keys with faster execution speeds as well as Elliptic Curve Cryptography (ECC) based on
GF(p) or GF(2n) at best performance. FameXE supports RSA with an operand length of
up to 8-kbit (up to 4-kbit with intermediate storage in RAM only).
The FameXE PKI coprocessor supports 192-bit ECC key length that offers the same level
of security as 2048-bit RSA. An ECC GF(2n) based signature, using a 163-bit key can be
executed in less than 30 ms providing a security level comparable to 1024-bit RSA. The
operand size for ECC, supported by FameXE, is only limited by the 2.5 KB size of the
FXRAM. FameXE is easy to use and the flexible interface provides programmers with the
freedom to implement their own cryptology solutions. A secured and CC EAL5+ certified
crypto library providing a large range of required functions will be available for all devices
in order to support customers in implementing public key-based solutions.
1.4.2 Triple-DES coprocessor
The DES for widely used symmetric encryption is supported by a dedicated, high
performance, highly attack resistant hardware coprocessor. Single DES and triple-DES,
based on two or three DES keys, can be executed within less than 40
µs. Relevant
standards (ISO/IEC, ANSI, FIPS) and Message Authentication Code (MAC) are fully
supported. A secured crypto library element for DES is available.
1.4.3 AES coprocessor
SmartMX is the first smart card microcontroller platform to provide a dedicated high
performance 128-bit parallel processing coprocessor to support secure AES. The
implementation is based on FIPS197 as standardized by the National Institute for
Standards and Technology (NIST), and supports key lengths of 128-bit, 192-bit, and
256-bit with performance levels comparable to DES. AES is the next generation for
symmetric data encryption and recommended successor of DES providing significantly
improved security level. A secured crypto library element for AES is available.
Table 1.
Naming conventions
P5xyzzz SmartMX platform
x
Type of category:
C = PKI controller + Triple-DES coprocessor + AES coprocessor on selected products
y
Interface options:
C = contact interface - ISO/IEC 7816
D = dual interface - ISO/IEC 7816 + ISO/IEC 14443 contactless interface
N = ISO/IEC 7816 + S2C Interface for NFC
zzz
Amount of non-volatile memory in KB, increasing count for further product options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com