Electronic Components Datasheet Search
  English  ▼

X  

LM5175PWPR Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5175PWPR
Description  LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5175PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5175PWPR Datasheet HTML 2Page - Texas Instruments LM5175PWPR Datasheet HTML 3Page - Texas Instruments LM5175PWPR Datasheet HTML 4Page - Texas Instruments LM5175PWPR Datasheet HTML 5Page - Texas Instruments LM5175PWPR Datasheet HTML 6Page - Texas Instruments LM5175PWPR Datasheet HTML 7Page - Texas Instruments LM5175PWPR Datasheet HTML 8Page - Texas Instruments LM5175PWPR Datasheet HTML 9Page - Texas Instruments LM5175PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
LM5175
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
LM5175
UNIT
HTSSOP
QFN
28 PINS
28 PINS
RθJA
Junction-to-ambient thermal resistance
33.1
34.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
17.7
26.6
RθJB
Junction-to-board thermal resistance
14.9
6.3
ψJT
Junction-to-top characterization parameter
0.4
0.3
ψJB
Junction-to-board characterization parameter
14.7
6.2
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.1
2.0
(1)
All minimum and maximum limits are specified by correlating the electrical characteristics to process and temperature variations and
applying statistical process control.
7.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 125°C junction temperature
range unless otherwise stated. VIN = 24 V unless otherwise stated.
(1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN)
VIN
Operating input voltage
3.5
42
V
IQ
VIN shutdown current
VEN/UVLO = 0 V
1.4
10
µA
VIN standby current
VEN/UVLO = 1.1 V, non-switching
0.7
2
VIN operating current
VEN/UVLO = 2 V, VFB = 0.9 V
1.65
4
mA
VCC
VVCC(VIN)
Regulation voltage
VBIAS = 0 V, VCC open
6.95
7.35
7.88
V
VUV(VCC)
VCC Undervoltage lockout
VCC increasing
3.11
3.27
3.43
Undervoltage hysteresis
160
mV
IVCC
VCC current limit
VVCC = 0 V
65
mA
ROUT(VCC)
VCC regulator output impedance
IVCC = 30 mA, VIN = 3.5 V
9.3
16
Ω
BIAS
VBIAS(SW)
BIAS switchover voltage
VIN = 24 V
7.25
8
8.75
V
EN/UVLO
VEN(STBY)
Standby threshold
EN/UVLO rising
0.55
0.79
0.97
V
IEN(STBY)
Standby source current
VEN/UVLO = 1.1 V
1
2
3
µA
VEN(OP)
Operating threshold
EN/UVLO rising
1.17
1.23
1.29
V
ΔIHYS(OP)
Operating hysteresis current
VEN/UVLO = 2.4 V
1.5
3.5
5.5
µA
SS
ISS
Soft-start pull up current
VSS = 0 V
4.30
5.65
7.25
µA
VSS(CL)
SS clamp voltage
SS open
1.27
V
VFB - VSS
FB to SS offset
VSS = 0 V
-15
mV
EA (ERROR AMPLIFIER)
VREF
Feedback reference voltage
FB = COMP
0.788
0.800
0.812
V
gmEA
Error amplifier gm
1.27
mS
ISINK/ISOURCE
COMP sink/source current
VFB=VREF ± 300 mV
280
µA
ROUT
Amplifier output resistance
20
M
Ω
BW
Unity gain bandwidth
2
MHz
IBIAS(FB)
Feedback pin input bias current
FB in regulation
100
nA
FREQUENCY
fSW(1)
Switching Frequency 1
RT = 133 k
Ω
180
200
220
kHz
fSW(2)
Switching Frequency 2
RT = 47 k
Ω
430
500
565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com