Electronic Components Datasheet Search
  English  ▼

X  

LM5175PWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5175PWPR
Description  LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5175PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5175PWPR Datasheet HTML 4Page - Texas Instruments LM5175PWPR Datasheet HTML 5Page - Texas Instruments LM5175PWPR Datasheet HTML 6Page - Texas Instruments LM5175PWPR Datasheet HTML 7Page - Texas Instruments LM5175PWPR Datasheet HTML 8Page - Texas Instruments LM5175PWPR Datasheet HTML 9Page - Texas Instruments LM5175PWPR Datasheet HTML 10Page - Texas Instruments LM5175PWPR Datasheet HTML 11Page - Texas Instruments LM5175PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
LM5175
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 125°C junction temperature
range unless otherwise stated. VIN = 24 V unless otherwise stated.
(1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
PGOOD
VPGD
PGOOD trip threshold for falling FB
Measured with respect to VREF
–9
%
PGOOD trip threshold for rising FB
Measured with respect to VREF
10
%
Hysteresis
1.6
%
ILEAK(PGD)
PGOOD leakage current
100
nA
ISINK(PGD)
PGOOD sink current
VPGOOD = 0.4 V
2
4.2
6.5
mA
OUTPUT OVP
VOVP
Output overvoltage threshold
At the FB pin
0.86
V
Hysteresis
21
mV
NMOS DRIVERS
IHDRV1,2
Driver peak source current
VBOOT - VSW = 7 V
1.8
A
Driver peak sink current
VBOOT - VSW = 7 V
2.2
ILDRV1,2
Driver peak source current
1.8
Driver peak sink current
2.2
RHDRV1,2
Driver pull up resistance
VBOOT - VSW = 7 V
1.9
Ω
Driver pull down resistance
VBOOT - VSW = 7 V
1.3
VUV(BOOT1,2)
BOOT1,2 to SW1,2 UVLO threshold
HDRV1,2 shut off
2.73
V
BOOT1,2 to SW1,2 UVLO hysteresis
HDRV1,2 start switching
280
mV
BOOT1,2 to SW1,2 threshold for refresh
pulse
4.45
V
RLDRV1,2
Driver pull up resistance
IDRV1,2 = 0.1 A
2
Ω
Driver pull down resistance
IDRV1,2 = 0.1 A
1.5
tDT1
Dead time HDRV1,2 off to LDRV1,2 on
55
ns
tDT2
Dead time LDRV1,2 off to HDRV1,2 on
55
THERMAL SHUTDOWN
TSD
Thermal shutdown temperature
165
°C
TSD(HYS)
Thermal shutdown hysteresis
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com