Electronic Components Datasheet Search
  English  ▼

X  

LMC660 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMC660
Description  LMC66x CMOS Dual Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC660 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMC660 Datasheet HTML 2Page - Texas Instruments LMC660 Datasheet HTML 3Page - Texas Instruments LMC660 Datasheet HTML 4Page - Texas Instruments LMC660 Datasheet HTML 5Page - Texas Instruments LMC660 Datasheet HTML 6Page - Texas Instruments LMC660 Datasheet HTML 7Page - Texas Instruments LMC660 Datasheet HTML 8Page - Texas Instruments LMC660 Datasheet HTML 9Page - Texas Instruments LMC660 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
5.6 Electrical Characteristics
at TA = +25°C, VS = 5V (V– = 0V), VCM = 1.5V, VOUT = VS / 2, and RL = 1MΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
LMC66xAI
±1
±3
mV
TA = –40°C to +85°C
±3.3
LMC66xC
±1
±6
TA = 0°C to 70°C
±6.3
dVOS/dT
Input offset voltage drift
LMC66xAI
TA = –40°C to +85°C
±1.3
µV/°C
LMC66xC
TA = 0°C to 70°C
±1.3
PSRR
Power-supply rejection
ratio
Positive,
5V ≤ VS ≤ 15V
LMC66xAI
75
85
dB
LMC66xAI
TA = –40°C to +85°C
72
LMC66xC
66
85
LMC66xC
TA = 0°C to 70°C
63
Negative,
–10V ≤ VS ≤ 0V
LMC66xAI
84
94
LMC66xAI
TA = –40°C to +85°C
81
LMC66xC
74
94
LMC66xC
TA = 0°C to 70°C
71
INPUT BIAS CURRENT
IB
Input bias current
±2
fA
LMC66xAI
TA = –40°C to +85°C
±4
pA
LMC66xC
TA = 0°C to 70°C
±2
IOS
Input offset current
±1
fA
LMC66xAI
TA = –40°C to +85°C
±2
pA
LMC66xC
TA = 0°C to 70°C
±1
NOISE
en
Input voltage noise density f = 1kHz
22
nV/√Hz
in
Input current noise density f = 1kHz
4
fA/√Hz
THD
Total harmonic distortion
f = 10kHz, G = – 10V/V, RL = 2kΩ, VOUT = 8Vpp, VS = 15V
0.2
%
INPUT VOLTAGE
VCM
Common-mode voltage
range
To positive rail,
5V ≤ VS ≤ 15V,
CMRR > 60dB
(V+) – 1.9
(V+) – 2.3
V
LMC66xAI, TA = –40°C to +85°C
(V+) – 2.5
LMC66xC, TA = 0°C to 70°C
(V+) – 2.6
To negative rail,
5V ≤ VS ≤ 15V,
CMRR > 60dB
(V–) – 0.1
(V–) – 0.4
LMC66xAI, TA = –40°C to +85°C
(V–)
LMC66xC, TA = 0°C to 70°C
(V–)
CMRR
Common-mode rejection
ratio
VS = 15V, 0V < VCM < 12V
LMC66xAI
75
85
dB
LMC66xAI, TA = –40°C to +85°C
72
LMC66xC
66
85
LMC66xC, TA = 0°C to 70°C
63
INPUT IMPEDANCE
RIN
Input resistance
>1
TΩ
LMC660, LMC662
SNOSC51D – MARCH 1998 – REVISED FEBRUARY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC660 LMC662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com