Electronic Components Datasheet Search
  English  ▼

X  

LM79 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM79
Description  LM79XX Series 3-Terminal Negative Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM79 Datasheet(HTML) 3 Page - Texas Instruments

  LM79 Datasheet HTML 1Page - Texas Instruments LM79 Datasheet HTML 2Page - Texas Instruments LM79 Datasheet HTML 3Page - Texas Instruments LM79 Datasheet HTML 4Page - Texas Instruments LM79 Datasheet HTML 5Page - Texas Instruments LM79 Datasheet HTML 6Page - Texas Instruments LM79 Datasheet HTML 7Page - Texas Instruments LM79 Datasheet HTML 8Page - Texas Instruments LM79 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM7905, LM7912, LM7915
www.ti.com
SNOSBQ7C – JUNE 1999 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS
Conditions unless otherwise noted: IOUT = 500mA, CIN = 2.2μF, COUT = 1μF, 0°C ≤ TJ ≤ +125°C, Power Dissipation ≤ 1.5W.
Part Number
LM7912C
LM7915C
Units
Output Voltage
−12V
−15V
Input Voltage (unless otherwise specified)
−19V
−23V
Symbol
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
VO
Output Voltage
TJ = 25°C
−11.5
−12.0
−12.5
−14.4
−15.0
−15.6
V
5mA
≤ IOUT ≤ 1A,
−11.4
−12.6
−14.25
−15.75
V
P
≤ 15W
(
−27 ≤ VIN ≤ −14.5)
(
−30 ≤ VIN ≤ −17.5)
V
ΔVO
Line Regulation
TJ = 25°C,
(1)
5
80
5
100
mV
(
−30 ≤ VIN ≤ −14.5)
(
−30 ≤ VIN≤ −17.5)
V
3
30
3
50
mV
(
−22 ≤ VIN ≤ −16)
(
−26 ≤ VIN ≤−20)
V
ΔVO
Load Regulation
TJ = 25°C,
(1)
5mA
≤ IOUT ≤ 1.5A
15
200
15
200
mV
250mA
≤ IOUT ≤ 750mA
5
75
5
75
mV
IQ
Quiescent Current
TJ = 25°C
1.5
3
1.5
3
mA
ΔIQ
Quiescent Current
With Line
0.5
0.5
mA
Change
(
−30 ≤ VIN ≤ −14.5)
(
−30 ≤VIN ≤ −17.5)
V
With Load, 5mA
≤ IOUT ≤ 1A
0.5
0.5
mA
Vn
Output Noise Voltage
TA = 25°C, 10Hz ≤ f ≤ 100Hz
300
375
μV
Ripple Rejection
f = 120 Hz
54
70
54
70
dB
(
−25 ≤ VIN ≤ −15)
(
−30 ≤ VIN≤ −17.5)
V
Dropout Voltage
TJ = 25°C, IOUT = 1A
1.1
1.1
V
IOMAX
Peak Output Current
TJ = 25°C
2.2
2.2
A
Average Temperature
IOUT = 5mA,
−0.8
−1.0
mV/°C
Coefficient of
0 C
≤ TJ ≤ 100°C
Output Voltage
(1)
Regulation is measured at a constant junction temperature by pulse testing with a low duty cycle. Changes in output voltage due to
heating effects must be taken into account.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM7905 LM7912 LM7915



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com