Electronic Components Datasheet Search
  English  ▼

X  

LM79 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM79
Description  LM79XX Series 3-Terminal Negative Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM79 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM79 Datasheet HTML 3Page - Texas Instruments LM79 Datasheet HTML 4Page - Texas Instruments LM79 Datasheet HTML 5Page - Texas Instruments LM79 Datasheet HTML 6Page - Texas Instruments LM79 Datasheet HTML 7Page - Texas Instruments LM79 Datasheet HTML 8Page - Texas Instruments LM79 Datasheet HTML 9Page - Texas Instruments LM79 Datasheet HTML 10Page - Texas Instruments LM79 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LM7905, LM7912, LM7915
www.ti.com
SNOSBQ7C – JUNE 1999 – REVISED MAY 2013
(-15)
(+15)
Load Regulation at
ΔIL = 1A
40mV
2mV
Output Ripple, CIN = 3000µF, IL = 1A
100 µVms
100 µVms
Temperature Stability
50mV
50mV
Output Noise 10Hz
≤ f ≤ 10kHz
150 µVms
150 µVms
*Resistor tolerance of R4 and R5 determine matching of (+) and (
−) outputs.
**Necessary only if raw supply filter capacitors are more than 3
″ from regulators.
Figure 8. ±15V, 1 Amp Tracking Regulators
Figure 9. Dual Trimmed Supply
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM7905 LM7912 LM7915



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com