Electronic Components Datasheet Search
  English  ▼

X  

EF6805R3 Datasheet(PDF) 24 Page - STMicroelectronics

Part # EF6805R3
Description  8-BIT MICROCOMPUTER UNIT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF6805R3 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button EF6805R3 Datasheet HTML 20Page - STMicroelectronics EF6805R3 Datasheet HTML 21Page - STMicroelectronics EF6805R3 Datasheet HTML 22Page - STMicroelectronics EF6805R3 Datasheet HTML 23Page - STMicroelectronics EF6805R3 Datasheet HTML 24Page - STMicroelectronics EF6805R3 Datasheet HTML 25Page - STMicroelectronics EF6805R3 Datasheet HTML 26Page - STMicroelectronics EF6805R3 Datasheet HTML 27Page - STMicroelectronics EF6805R3 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Table 3 : Branch Instructions.
Relative Addressing Mode
Function
Mnemoni c
Op
Code
#
Bytes
#
Cycles
Branch Always
BRA
20
2
4
Branch Never
BRN
21
2
4
Branch IFF Higher
BHI
22
2
4
Branch IFF Lower or Same
BLS
23
2
4
Branch IFF Carry Clear
BCC
24
2
4
(branch IFF higher or same)
(BHS)
24
2
4
Branch IFF Carry Set
BCS
25
2
4
(branch IFF lower)
(BLO)
25
2
4
Branch IFF Not Equal
BNE
26
2
4
Branch IFF Equal
BEQ
27
2
4
Branch IFF Half Carry Clear
BHCC
28
2
4
Branch IFF Half Carry Set
BHCS
29
2
4
Branch IFF Plus
BPL
2A
2
4
Branch IFF Minus
BMI
2B
2
4
Branch IFF interrupt mask bit is clear.
BMC
2C
2
4
Branch IFF interrupt mask bit is set.
BMS
2D
2
4
Branch IFF interrupt line is low.
BIL
2E
2
4
Branch IFF interrupt line is high.
BIH
2F
2
4
Branch to Subroutine
BSR
AD
2
8
Table 4 : Bit Manipulation Instructions.
Addressing Modes
Bit Set/clear
Bit Test and Branch
Function
Mnemonic
Op
Code
#
Bytes
#
Cycles
Op
Code
#
Bytes
#
Cycles
Branch IFF Bit n is set
BRSET n (n = 0
… 7)
2
• n3
10
Branch IFF Bit n is clear
BRCLR n (n = 0
… 7)
01 + 2
• n
310
Set Bit n
BSET n (n = 0
… 7)
10 + 2
• n
27
Clear Bit n
BCLR n (n = 0
… 7)
11 + 2
• n
27
EF6805U3
24/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com