Electronic Components Datasheet Search
  English  ▼

X  

EF6805R3 Datasheet(PDF) 29 Page - STMicroelectronics

Part # EF6805R3
Description  8-BIT MICROCOMPUTER UNIT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF6805R3 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button EF6805R3 Datasheet HTML 23Page - STMicroelectronics EF6805R3 Datasheet HTML 24Page - STMicroelectronics EF6805R3 Datasheet HTML 25Page - STMicroelectronics EF6805R3 Datasheet HTML 26Page - STMicroelectronics EF6805R3 Datasheet HTML 27Page - STMicroelectronics EF6805R3 Datasheet HTML 28Page - STMicroelectronics EF6805R3 Datasheet HTML 29Page - STMicroelectronics EF6805R3 Datasheet HTML 30Page - STMicroelectronics EF6805R3 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
PACKAGE MECHANICAL DATA
40 Pin Plastic Dual In Line Package (PDIP)
44 Pin Plastic Quad Package (PLCC)
Dim.
mm
inches
Min Typ Max Min Typ Max
A
2.2
4.8 0.086
0.189
A1 0.51
1.77 0.010
0.069
B
0.38
0.58 0.015
0.023
B1 0.97
1.52 0.055
0.065
C
0.2
0.3 0.008
0.009
D 50.30
52.221.980
20.56
D1
--
--
-
-
E
16.3
0.641
E1
12.9
0.508
K1
––
––
––
K2
––
––
––
L
3.18
4.44 1.25
0.174
e1
2.54
0.10
Number of Pins
N40
Dim.
mm
inches
Min Typ Max Min Typ Max
A
4.2
5.08 0.165
0.200
A1
0.64
0.020
A3
2.29
3.30 0.090
0.130
B 0.331
-
----
B1 0.661
-
----
D 17.40
17.650.685
0.695
D1 16.51
16.660.650
0.656
D3
12.70
0.500
E 17.40
17.650.685
0.695
E1 16.51
16.660.650
0.656
E3
12.70
0.500
K1
--
-
-
--
e
1.27
0.050
Number of Pins
N44
ND
11
EF6805U3
29/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com