Electronic Components Datasheet Search
  English  ▼

X  

TDA7376B Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7376B
Description  2 x 35 W Power amplifier for car radio
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7376B Datasheet HTML 5Page - STMicroelectronics TDA7376B Datasheet HTML 6Page - STMicroelectronics TDA7376B Datasheet HTML 7Page - STMicroelectronics TDA7376B Datasheet HTML 8Page - STMicroelectronics TDA7376B Datasheet HTML 9Page - STMicroelectronics TDA7376B Datasheet HTML 10Page - STMicroelectronics TDA7376B Datasheet HTML 11Page - STMicroelectronics TDA7376B Datasheet HTML 12Page - STMicroelectronics TDA7376B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID1507 Rev 6
9/15
TDA7376B
Electrical specifications
14
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical characteristics
Refer to the test circuits figures 3 and 4, VS = 14.4 V; RL = 4 ; f = 1 kHz; Tamb = 25 °C,
unless otherwise specified.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VOP
Operating supply voltage
18
V
Vs
DC supply voltage
28
V
Vpeak
Peak supply voltage (t = 50 ms)
50
V
IO
Output Peak Current (not repetitive t = 100
s)
8
A
Output Peak Current (repetitive f > 10 Hz)
6
A
Ptot
Power Dissipation Tcase = 85 °C
36
W
Tstg, Tj
Storage and junction temperature(1)
1. A suitable heatsink/dissipation system should be used to keep Tj inside specified limits.
-40 to 150
C
Tamb
Operative ambient temperature range
-40 to 105
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal Resistance Junction to case
Max
1.8
°C/W
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage range
-
8
-
18
V
Id
Total quiescent drain current
RL = 
--
200
mA
VOS
Output offset voltage
-
-
-
120
mV
PO
Output power
THD = 10%;
THD = 10%; RL = 2 
23
33
25
37
-
W
W
PO max
Max. output power(1)
-36
40
-
W
PO EIAJ
EIAJ output power(1)
VS = 13.7V
32
35
-
W
THD
Distortion
PO = 0.5 to 10 W
PO = 0.5 to 15 W
-
0.03
0.08
-
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com