Electronic Components Datasheet Search
  English  ▼

X  

TDA7376B Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7376B
Description  2 x 35 W Power amplifier for car radio
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7376B Datasheet HTML 6Page - STMicroelectronics TDA7376B Datasheet HTML 7Page - STMicroelectronics TDA7376B Datasheet HTML 8Page - STMicroelectronics TDA7376B Datasheet HTML 9Page - STMicroelectronics TDA7376B Datasheet HTML 10Page - STMicroelectronics TDA7376B Datasheet HTML 11Page - STMicroelectronics TDA7376B Datasheet HTML 12Page - STMicroelectronics TDA7376B Datasheet HTML 13Page - STMicroelectronics TDA7376B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Electrical specifications
TDA7376B
10/15
DocID1507 Rev 6
The TDA7376B is equipped with a programmable clipping distortion detector circuitry that
allows to signal out the output stage saturation by providing a current sinking into an open
collector output (DDout) when the total harmonic distortion of the output signal reaches the
preset level.
The desired threshold is fixed through an external divider that produces a proper voltage
level across the THD set pin. Figure 7 shows the THD detection threshold versus the THD
set voltage. Since it is essential that the THD set voltage be proportional to the supply
voltage, Figure 7 shows its value as a fraction of VCC.
The actual voltage can be computed by multiplying the fraction corresponding to the desired
THD threshold by the application’s supply voltage.
CT
Cross talk
f = 1 kHz; Rg
f = 10 kHz; Rg
-
80
70
-
dB
dB
RIN
Input Impedance
differential input
Single Ended input
45
40
--
k
k
GV
Voltage gain
differential input
Single Ended input
25
25
26
26
27
27
dB
dB
GV
Channel gain balance
-
-
-
1
dB
EIN
Input Noise Voltage
Rg = 600 ; "A" weighted
Rg = 600 ; 22 Hz to 33 kHz
-
3
4
-
6
V
V
SVR
Supply Voltage Rejection
f = 100 Hz; Vr = 1 Vrms; Rg = 0;
f = 10 Hz; Vr = 1V rms; Rg = 0;
45
-
-
55
-
dB
dB
BW
Power bandwidth
(-3dB)
75
-
-
kHz
CMRR
Common mode rejection ratio
VCM = 1 Vrms input referred
60
-
-
dB
ASB
Standby Attenuation
VSB = 1.5V; PO ref = 1W
80
90
-
dB
VSB IN
Standby In threshold
-
-
-
1.5
V
VSB OUT Standby Out threshold
-
3.5
-
-
V
Isb
Standby current consumption
-
-
-
100
A
AM
Mute attenuation
VM = 1.5 V; POref = 1 W
-
85
dB
VM IN
Mute In threshold
-
-
-
1.5
V
VM OUT
Mute Out threshold
-
3.5
-
-
V
I6
Mute pin current
V6 = 0 to VS,; VS max. = 18V
-
-
100
A
DDL
Distortion detection level(2)
3.5
-
-
%
DDOUT
Distortion detector output dc
current
Output low, sinked current
(
Vpin10 = 1.5V)
1-
-
mA
Output high, leakage current
(Vpin10 = VS, @ VSmax = 18V)
--
10
A
1. Saturated square wave output.
2. see figure 5 for THD setting.Figure 7.
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com