Electronic Components Datasheet Search
  English  ▼

X  

TDA7376PD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7376PD
Description  2 x 35 W power amplifier for car radio
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376PD Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7376PD_V01 Datasheet HTML 1Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 2Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 3Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 4Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 5Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 6Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 7Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 8Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2013
Doc ID 10260 Rev 4
1/14
1
TDA7376PD
2 x 35 W power amplifier for car radio
Features
■ High output power capability:
– 2 x 40 W max./4
–2 x 35 W/4
 EIAJ
–2 x 25 W/4
 @14.4 V, 1 kHz, 10 %
–2 x 25 W/2
 @14.4 V, 1 kHz, 10 %
■ 2  driving
■ Differential inputs
■ Minimum external components count
■ Internally fixed gain (26 dB)
■ Mute function (CMOS compatible)
■ Automute at minimum supply voltage detection
■ Standby function
■ No audible pop during mute and standby
operations
■ Clipping detector with programmable distortion
threshold
■ Protections:
– Short circuit (out to ground, out to supply
voltage, across the load)
– Overrating chip temperature with soft
thermal limiter
– Load dump voltage
– Fortuitous open ground
– Loudspeaker DC current
–ESD
Description
The TDA7376PD is a new technology dual bridge
audio amplifier in PowerSO36 package designed
for car radio applications.
Thanks to the fully complementary PNP/NPN
output stage configuration the TDA7376PD
delivers a rail-to-rail voltage swing with no need of
bootstrap capacitors.
Differential input pairs, that will accept either
single ended or differential input signals,
guarantee high noise immunity making the device
suitable for both car radio and car boosters
applications.
The audio mute control, that attenuates the output
signal of the audio amplifiers, suppresses pop
on - off transients and cuts any noises coming
from previous stages. The standby control, that
de-biases the amplifiers, reduces the cost of the
power switch. The on-board programmable
distortion detector allows compression facility
whenever the amplifier is overdriven, so limiting
the distortion at any levels inside the presettable
range.
PowerSO36 (Slug up)
Table 1.
Device summary
Order code
Package
Packing
TDA7376PD
PowerSO36
Tube
TDA7376PDTR
PowerSO36
Tape and reel
www.st.com


Similar Part No. - TDA7376PD_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
2 x 35 W power amplifier for car radio
11-Dec-2009
More results

Similar Description - TDA7376PD_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
2 x 6 W stereo car radio power amplifier
May 1992
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1563Q PHILIPS-TDA1563Q Datasheet
268Kb / 32P
2 x 25 W high efficiency car radio power amplifier
2000 Feb 09
logo
STMicroelectronics
TDA7376B STMICROELECTRONICS-TDA7376B Datasheet
104Kb / 9P
2 x 35W POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7377 STMICROELECTRONICS-TDA7377 Datasheet
254Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7376PD STMICROELECTRONICS-TDA7376PD Datasheet
170Kb / 9P
2 X 35W POWER AMPLIFIER FOR CAR RADIO
Apr-2004
TDA7375AV STMICROELECTRONICS-TDA7375AV_12 Datasheet
399Kb / 20P
2 x 37 W dual/quad power amplifier for car radio
13-Feb-2012
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
2 x 35 W power amplifier for car radio
11-Dec-2009
logo
NXP Semiconductors
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com