Electronic Components Datasheet Search
  English  ▼

X  

TDA7376PD Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7376PD
Description  2 x 35 W power amplifier for car radio
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376PD Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7376PD_V01 Datasheet HTML 1Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 2Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 3Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 4Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 5Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 6Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 7Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 8Page - STMicroelectronics TDA7376PD_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
List of figures
TDA7376PD
4/14
Doc ID 10260 Rev 4
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Pins connection diagram (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Clip detector threshold vs. THD set. voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
Quiescent current vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
Output power vs. supply voltage (THD = 1 %) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 6.
Output power vs. supply voltage (THD = 10 %) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 7.
EIAJ power vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 8.
THD vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 9.
THD vs. output power (RL = 4 W). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 10.
THD vs. output power (RL = 24 W). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 11.
Dissipated power and efficiency vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 12.
SVR vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 13.
CMRR vs. frequency. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 14.
Crosstalk vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 15.
Differential inputs test and application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 16.
Single ended inputs test and application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 17.
Application board reference circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 18.
PowerSO36 (slug up) mechanical data and package dimensions . . . . . . . . . . . . . . . . . . . 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com