Electronic Components Datasheet Search
  English  ▼

X  

573SYGD Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 573SYGD
Description  2.4*7.1mm Rectangular Type LED Lamps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

573SYGD Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  573SYGD Datasheet HTML 1Page - Everlight Electronics Co., Ltd 573SYGD Datasheet HTML 2Page - Everlight Electronics Co., Ltd 573SYGD Datasheet HTML 3Page - Everlight Electronics Co., Ltd 573SYGD Datasheet HTML 4Page - Everlight Electronics Co., Ltd 573SYGD Datasheet HTML 5Page - Everlight Electronics Co., Ltd 573SYGD Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data Sheet
2.4*7.1mm Rectangular Type LED Lamps
█
Features :
●
Choice of various viewing angles
●
Available on tape and reel.
●
Reliable and robust
●
Pb free
●
The product itself will remain within RoHS compliant version.
█
Descriptions :
●
The series is specially designed for
applications requiring higher
brightness
●
The led lamps are available with
different colors, intensities.
█
Applications :
●
TV set
●
Monitor
●
Telephone
●
Computer
573SYGD/S530-E2
AlGaInP
Super Yellow Green
Green Diffused
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 1 of 6
Device Number :
CDLE-057-060
Prepared date: 2005/7/26
Prepared by:
Zhenxiaqu
0
573SYGD/S530-E2
Lens Color
PART NO.
Material
Emitted Color


Similar Part No. - 573SYGD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
573SYGD-S530-E2 EVERLIGHT-573SYGD-S530-E2 Datasheet
189Kb / 6P
2.4*7.1mm Rectangular Type LED Lamps
573SYGD-S530-E2 EVERLIGHT-573SYGD-S530-E2_15 Datasheet
189Kb / 6P
2.4*7.1mm Rectangular Type LED Lamps
More results

Similar Description - 573SYGD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
1533SDRD EVERLIGHT-1533SDRD Datasheet
92Kb / 6P
2.4*4.9mm Rectangular Type LED Lamps
1533SURD EVERLIGHT-1533SURD Datasheet
98Kb / 6P
2.4*4.9mm Rectangular Type LED Lamps
1533UYD EVERLIGHT-1533UYD Datasheet
90Kb / 6P
2.4*4.9mm Rectangular Type LED Lamps
573SURD EVERLIGHT-573SURD Datasheet
107Kb / 6P
2.4*7.1mm Rectangular Type LED Lamps
573UYD EVERLIGHT-573UYD Datasheet
94Kb / 6P
2.4*7.1mm Rectangular Type LED Lamps
573SURDS530-A3 EVERLIGHT-573SURDS530-A3 Datasheet
93Kb / 6P
2.4*7.1mm Rectangular Type LED Lamps
573SURD-S530-A3 EVERLIGHT-573SURD-S530-A3 Datasheet
185Kb / 7P
2.4*7.1MM RECTANGULAR TYPE LED LAMPS
573SYGD-S530-E2 EVERLIGHT-573SYGD-S530-E2 Datasheet
189Kb / 6P
2.4*7.1mm Rectangular Type LED Lamps
573SURD-S530-A3 EVERLIGHT-573SURD-S530-A3_15 Datasheet
185Kb / 7P
2.4*7.1mm Rectangular Type LED Lamps
573SYGD-S530-E2 EVERLIGHT-573SYGD-S530-E2_15 Datasheet
189Kb / 6P
2.4*7.1mm Rectangular Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com