Electronic Components Datasheet Search
  English  ▼

X  

573SYGD Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 573SYGD
Description  2.4*7.1mm Rectangular Type LED Lamps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

573SYGD Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  573SYGD Datasheet HTML 1Page - Everlight Electronics Co., Ltd 573SYGD Datasheet HTML 2Page - Everlight Electronics Co., Ltd 573SYGD Datasheet HTML 3Page - Everlight Electronics Co., Ltd 573SYGD Datasheet HTML 4Page - Everlight Electronics Co., Ltd 573SYGD Datasheet HTML 5Page - Everlight Electronics Co., Ltd 573SYGD Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data Sheet
2.4*7.1mm Rectangular Type LED Lamps
Package Dimensions
Notes: 1. All dimensions are in millimetres
2. The height of flange must be less than 1.5mm(0.059").
3. Without special declared,the tolerance is
±0.25mm.
█ Absolute Maximum Ratings at Ta = 25℃
Parameter
Symbol
Rating
Unit
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
℃
Storage Temperature
Tstg
-40 to +100
℃
Soldering Temperature
Tsol
260
± 5
℃
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Reverse Voltage
VR
5V
Note: *1:Soldering time ≦ 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 2 of 6
Device Number :
CDLE-057-060
Prepared date:
Prepared by:
Zhenxiaqu
2005/7/26
573SYGD/S530-E2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com