Electronic Components Datasheet Search
  English  ▼

X  

MP2236C Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2236C
Description  18V, 6A, High-Efficiency, FCCM Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2236C Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2236C Datasheet HTML 12Page - Monolithic Power Systems MP2236C Datasheet HTML 13Page - Monolithic Power Systems MP2236C Datasheet HTML 14Page - Monolithic Power Systems MP2236C Datasheet HTML 15Page - Monolithic Power Systems MP2236C Datasheet HTML 16Page - Monolithic Power Systems MP2236C Datasheet HTML 17Page - Monolithic Power Systems MP2236C Datasheet HTML 18Page - Monolithic Power Systems MP2236C Datasheet HTML 19Page - Monolithic Power Systems MP2236C Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MP2236C
– 18V, 6A, FCCM SYNCHRONOUS STEP-DOWN CONVERTER
MP2236C Rev. 1.0
MonolithicPower.com
16
3/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PCB Layout Guidelines (9)
Efficient PCB layout
is
critical for stable
operation. For the best results, refer to Figure 5
and follow the guidelines below:
1. Connect the input ground to GND using the
shortest and widest trace possible.
2. Connect CIN to IN using the shortest and
widest trace possible.
3. Ensure that all FB connections are short
and direct.
4. Place the FB resistors and compensation
components
as
close
to
the
chip
as
possible.
5. Route SW away from sensitive analog
areas, such as VOUT.
6. Connect AGND to PGND using the shortest
and widest trace possible.
Note:
9) The recommended layout is based on the Typical Application
Circuits shown in Figure 6, Figure 7, Figure 8, Figure 9, and
Figure 10 on pages 17 and 18.
VIN
GND
VOUT
SW
L1
C1
R2
U1
C2
RBST
GND
Top Layer
Bottom
Layer
VOUT
GND
Figure 5: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com