Electronic Components Datasheet Search
  English  ▼

X  

S-34C02A Datasheet(PDF) 28 Page - Seiko Instruments Inc

Part # S-34C02A
Description  2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C02A Datasheet(HTML) 28 Page - Seiko Instruments Inc

Back Button S-34C02A Datasheet HTML 24Page - Seiko Instruments Inc S-34C02A Datasheet HTML 25Page - Seiko Instruments Inc S-34C02A Datasheet HTML 26Page - Seiko Instruments Inc S-34C02A Datasheet HTML 27Page - Seiko Instruments Inc S-34C02A Datasheet HTML 28Page - Seiko Instruments Inc S-34C02A Datasheet HTML 29Page - Seiko Instruments Inc S-34C02A Datasheet HTML 30Page - Seiko Instruments Inc S-34C02A Datasheet HTML 31Page - Seiko Instruments Inc S-34C02A Datasheet HTML 32Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
S-34C02A
Rev.1.2_00
Seiko Instruments Inc.
28
8. S-34C02A Operation when inputting a stop condition with the clock less than the defined data
length (less than 8-bit) to the SCL pin inputting Write data
If S-34C02A forcibly recieves a stop condition while it is receiving Write data of 1-byte, it does not perform the Write
operation.
To operate Page Write, if S-34C02A recieves a stop condition after receiving data of 1-byte or more, S-34C02A
operates Write only in the address equivalent to the byte of which S-34C02A normally received 8-bit data before a
stop condition.
9. S-34C02A Operation and data if inputting Write data more than the defined Page Size during Page
Write
The S-34C02A is able to Page Write of 16-byte, but in case if it receives data of 17-byte, 8-bit data of the 17th byte is
overwritten in the first byte in the same page because the S-34C02A cannot Write data across the page address.
10. Precaution for use
Absolute maximum ratings: Do not operate these ICs in excess of the absolute maximum ratings (as listed on the
data sheet). Exceeding the supply voltage rating can cause latch-up.
Operations with moisture on the E
2PROM pins may occur malfunction by short-circuit between pins. Especially, in
occasions like picking the E
2PROM up from low temperature tank during the evaluation. Be sure that not remain frost
on the E
2PROM pin to prevent malfunction by short-circuit.
Also attention should be paid in using on environment, which is easy to dew for the same reason.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com