Electronic Components Datasheet Search
  English  ▼

X  

S-34C02A Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-34C02A
Description  2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C02A Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-34C02A Datasheet HTML 7Page - Seiko Instruments Inc S-34C02A Datasheet HTML 8Page - Seiko Instruments Inc S-34C02A Datasheet HTML 9Page - Seiko Instruments Inc S-34C02A Datasheet HTML 10Page - Seiko Instruments Inc S-34C02A Datasheet HTML 11Page - Seiko Instruments Inc S-34C02A Datasheet HTML 12Page - Seiko Instruments Inc S-34C02A Datasheet HTML 13Page - Seiko Instruments Inc S-34C02A Datasheet HTML 14Page - Seiko Instruments Inc S-34C02A Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
Rev.1.2_00
S-34C02A
Seiko Instruments Inc.
11
5. Device Addressing
To start the transmission, the master device on the system generates a start condition for the slave address. After that,
the master device transmits the 7-bit device address and the 1-bit Read/Write instruction code to the SDA bus.
In the S-34C02A, the higher 4 bits of the device address are device cord, and are fixed at “1010”.
The next 3 bits of the device address are slave address. This address is used to select the devices on the system bus,
and is compared with the address value which is set beforehand by the address input pins (A0, A1, A2). If the
comparison result matches, the slave address sends an acknowledgment signal back at the 9th clock of cycle.
Slave Address
1
0
1
0
A2
A1
A0
R / W
Device Code
MSB
LSB
Figure 9 Device Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com