Electronic Components Datasheet Search
  English  ▼

X  

0804543 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804543
Description  EML (60XE)R YE - Label
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804543 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804543 Datasheet HTML 1Page - PHOENIX CONTACT 0804543 Datasheet HTML 2Page - PHOENIX CONTACT 0804543 Datasheet HTML 3Page - PHOENIX CONTACT 0804543 Datasheet HTML 4Page - PHOENIX CONTACT 0804543 Datasheet HTML 5Page - PHOENIX CONTACT 0804543 Datasheet HTML 6Page - PHOENIX CONTACT 0804543 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, Roll, yellow, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: adhesive, Number of individual
labels: 1, roll length: 40 m, text field height: 60 mm, text field width: 40000 mm
Your advantages
The EML … self-adhesive device markers are particularly suitable for identification of various types of equipment in controller, system, and control
cabinet building
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EML ... materials are UL-listed
•
A wide range of marker sizes and colors are available for custom designs
•
Labeling service: Phoenix Contact can custom-label all EM ... markers in accordance with your requirements
•
Commercial data
Item number
0804543
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG16
Product key
BG2411
GTIN
4055626406817
Weight per piece (including packing)
484.8 g
Weight per piece (excluding packing)
484 g
Customs tariff number
39269097
Country of origin
PL
EML (60XE)R YE - Label
0804543
https://www.phoenixcontact.com/us/products/0804543
Oct 28, 2025, 1:05AM
Page 1 (7)


Similar Part No. - 0804543

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804541 PHOENIX-0804541 Datasheet
193Kb / 7P
EML (40XE)R YE - Label
0804545 PHOENIX-0804545 Datasheet
184Kb / 6P
EMT (EX40)R - Insert label
0804546 PHOENIX-0804546 Datasheet
184Kb / 6P
EMT (EX17)R - Insert label
0804547 PHOENIX-0804547 Datasheet
184Kb / 6P
EMT (EX38)R - Insert label
0804548 PHOENIX-0804548 Datasheet
196Kb / 7P
EML (15X6)RL YE - Label
More results

Similar Description - 0804543

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0803813 PHOENIX-0803813 Datasheet
52Kb / 2P
Label - US-EML (15X9) YE
0803815 PHOENIX-0803815 Datasheet
52Kb / 2P
Label - US-EML (16,5X5) YE
0803817 PHOENIX-0803817 Datasheet
52Kb / 2P
Label - US-EML (15X6) YE
0803819 PHOENIX-0803819 Datasheet
52Kb / 2P
Label - US-EML (16X7) YE
0815606 PHOENIX-0815606 Datasheet
48Kb / 3P
Label - EML (110XE)R YE
0816155 PHOENIX-0816155 Datasheet
48Kb / 3P
Label - EML (20X8)RL YE
1116052 PHOENIX-1116052 Datasheet
55Kb / 2P
Label - MM-EML (EX10)R C1 YE/BK
1116114 PHOENIX-1116114 Datasheet
55Kb / 2P
Label - MM-EML (EX18)R C1 YE/BK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com