Electronic Components Datasheet Search
  English  ▼

X  

0804543 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804543
Description  EML (60XE)R YE - Label
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804543 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804543 Datasheet HTML 1Page - PHOENIX CONTACT 0804543 Datasheet HTML 2Page - PHOENIX CONTACT 0804543 Datasheet HTML 3Page - PHOENIX CONTACT 0804543 Datasheet HTML 4Page - PHOENIX CONTACT 0804543 Datasheet HTML 5Page - PHOENIX CONTACT 0804543 Datasheet HTML 6Page - PHOENIX CONTACT 0804543 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Gerätemarker
Marking
Number of individual labels
1
Number of individual labels per row
1
Identification technology
Thermal transfer
Dimensions
Length of roll
40.00 m
Height
60 mm
Depth
0.08 mm
Material specifications
Foil strength
55 µm
Adhesive strength
20 µm
Adhesive
Acrylic
Color
yellow (RAL 1018)
Material
Polyester
Components
free from silicone and halogen
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Procedure
Artificial irradiation.
Temperature resistance
Specification
ANSI/UL 969-2018:03 (following)
EML (60XE)R YE - Label
0804543
https://www.phoenixcontact.com/us/products/0804543
Oct 28, 2025, 1:05AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com